Electronic Components Datasheet Search
  English  ▼

X  

2SA1841 Datasheet(PDF) 1 Page - NEC

Part # 2SA1841
Description  PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-SPEED SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA1841 Datasheet(HTML) 1 Page - NEC

  2SA1841 Datasheet HTML 1Page - NEC 2SA1841 Datasheet HTML 2Page - NEC 2SA1841 Datasheet HTML 3Page - NEC 2SA1841 Datasheet HTML 4Page - NEC 2SA1841 Datasheet HTML 5Page - NEC 2SA1841 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
DARLINGTON POWER TRANSISTOR
2SA1841
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION)
FOR HIGH-SPEED SWITCHING
DATA SHEET
Document No. D15590EJ3V0DS00 (3rd edition)
Date Published July 2004 NS CP(K)
Printed in Japan
2002
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SA1841
MP-10
DESCRIPTION
The 2SA1841 is a high-speed Darlington power transistor.
This transistor is ideal for high-precision control such as PWM
control for pulse motors brushless motors in OA and FA equipment.
In addition, this transistor features a package that can be auto-
mounted in radial taping specifications, thus contributing to
mounting cost reduction.
FEATURES
• Auto-mounting possible in radial taping specifications
• Resin-molded insulation type package with power rating of 1.8 W in stand-alone conditions
• High DC current amplifiers due to Darlington connection
hFE = 4000 to 20000 (VCE =
−2.0 V, IC = −4.0 A)
• On-chip C-to-E reverse diode
• Fast switching speed
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Collector to Base Voltage
VCBO
−100
V
Collector to Emitter Voltage
VCEO
−100
V
Emitter to Base Voltage
VEBO
−8.0
V
Collector Current (DC)
IC(DC)
−8.0
A
Collector Current (pulse)
IC(pulse)
Note
−16
A
Base Current (DC)
IB(DC)
−0.8
A
Total Power Dissipation (TA = 25°C)
PT
1.8
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Note PW
≤ 10 ms, Duty Cycle ≤ 2%
The mark
★ shows major revised points.
★


Similar Part No. - 2SA1841

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SA1841 RENESAS-2SA1841 Datasheet
362Kb / 8P
DARLINGTON POWER TRANSISTOR
2002
More results

Similar Description - 2SA1841

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1720 NEC-2SA1720 Datasheet
113Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-SPEED SWITCHING
2SA1743 NEC-2SA1743 Datasheet
130Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1652 NEC-2SA1652 Datasheet
161Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 NEC-2SA1742 Datasheet
126Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1744 NEC-2SA1744 Datasheet
144Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1840 NEC-2SA1840 Datasheet
124Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-SPEED SWITCHING
2SC4810 NEC-2SC4810 Datasheet
120Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-SPEED SWITCHING
2SC4811 NEC-2SC4811 Datasheet
130Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-SPEED SWITCHING
2SA1714 NEC-2SA1714 Datasheet
141Kb / 6P
PNP SILICON EPITAXIAL POWER TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-SPEED SWITCHING
logo
Renesas Technology Corp
2SB963-Z RENESAS-2SB963-Z_15 Datasheet
739Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com