Electronic Components Datasheet Search
  English  ▼

X  

2SA1843 Datasheet(PDF) 1 Page - NEC

Part # 2SA1843
Description  PNP SILICON EPITAXIAL POWER TRANSISTOR FOR HIGH-SPEED SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA1843 Datasheet(HTML) 1 Page - NEC

  2SA1843 Datasheet HTML 1Page - NEC 2SA1843 Datasheet HTML 2Page - NEC 2SA1843 Datasheet HTML 3Page - NEC 2SA1843 Datasheet HTML 4Page - NEC 2SA1843 Datasheet HTML 5Page - NEC 2SA1843 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1998
©
Document No. D15591EJ2V0DS00 (2nd edition)
Date Published April 2002 N CP(K)
Printed in Japan
SILICON POWER TRANSISTOR
2SA1843
PNP SILICON EPITAXIAL POWER TRANSISTOR
FOR HIGH-SPEED SWITCHING
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The 2SA1843 is a power transistor developed for high-speed switching and features a high hFE at low VCE(sat).
This transistor is ideal for use as a driver in DC/DC converters and actuators.
In addition, this transistor features a package that can be auto-mounted in radial taping specifications, thus
contributing to mounting cost reduction.
FEATURES
• Auto-mounting possible in radial taping specifications
• Resin-molded insulation type package with power rating of 1.8 W in stand-alone conditions
• High hFE and low VCE(sat):
VCE(sat)
≤ −0.3 V
@IC =
−3.0 A, IB = −0.15 A
hFE
≥ 100
@VCE =
−2.0 V, IC = −1.0 A
• Fast switching speed
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
Ratings
Unit
Collector to base voltage
VCBO
−100
V
Collector to emitter voltage
VCEO
−60
V
Emitter to base voltage
VEBO
−7.0
V
Collector current (DC)
IC(DC)
−5.0
A
Collector current (pulse)
IC(pulse)
PW
≤ 300
µs, duty cycle ≤ 2%
−10
A
Base current (DC)
IB(DC)
−2.5
A
Total power dissipation
PT
Ta = 25
°C
1.8
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C


Similar Part No. - 2SA1843

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SA1843 RENESAS-2SA1843 Datasheet
267Kb / 8P
SILICON POWER TRANSISTOR
1998
2SA1843 RENESAS-2SA1843_15 Datasheet
267Kb / 8P
PNP SILICON EPITAXIAL POWER TRANSISTOR FOR HIGH-SPEED SWITCHING
More results

Similar Description - 2SA1843

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1743 NEC-2SA1743 Datasheet
130Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1649 NEC-2SA1649 Datasheet
143Kb / 6P
PNP SILICON EPITAXIAL POWER TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1652 NEC-2SA1652 Datasheet
161Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 NEC-2SA1742 Datasheet
126Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1744 NEC-2SA1744 Datasheet
144Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1845 NEC-2SA1845 Datasheet
139Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SB1453 NEC-2SB1453 Datasheet
130Kb / 6P
PNP SILICON EPITAXIAL POWER TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Renesas Technology Corp
2SA1843 RENESAS-2SA1843_15 Datasheet
267Kb / 8P
PNP SILICON EPITAXIAL POWER TRANSISTOR FOR HIGH-SPEED SWITCHING
2SB1453 RENESAS-2SB1453_15 Datasheet
253Kb / 8P
PNP SILICON EPITAXIAL POWER TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Galaxy Semi-Conductor H...
2SA1615 BILIN-2SA1615 Datasheet
266Kb / 5P
PNP Silicon Epitaxial Transistor for High-speed Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com