Electronic Components Datasheet Search
  English  ▼

X  

2SA1871 Datasheet(PDF) 1 Page - NEC

Part # 2SA1871
Description  PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA1871 Datasheet(HTML) 1 Page - NEC

  2SA1871 Datasheet HTML 1Page - NEC 2SA1871 Datasheet HTML 2Page - NEC 2SA1871 Datasheet HTML 3Page - NEC 2SA1871 Datasheet HTML 4Page - NEC 2SA1871 Datasheet HTML 5Page - NEC 2SA1871 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1998
©
Document No. D16144EJ1V0DS00 (1st edition)
Date Published April 2002 N CP(K)
Printed in Japan
SILICON TRANSISTOR
2SA1871
PNP SILICON TRIPLE DIFFUSED TRANSISTOR
FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The 2SA1871 is a transistor developed for high-speed high-
voltage switching and is ideal for use in switching elements such
as switching regulators and DC/DC converters.
FEATURES
•
New package with dimensions in between those of small signal
and power signal package
•
High voltage
•
Fast switching speed
•
Complementary transistor with 2SC4942
QUALITY GRADES
• Standard
Please refer to “Quality Grades on NEC Semiconductor Devices”
(Document No. C11531E) published by NEC Corporation to
know the specification of quality grade on the devices and its
recommended applications.
PACKAGE DRAWING (UNIT: mm)
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
Ratings
Unit
Collector to base voltage
VCBO
−600
V
Collector to emitter voltage
VCEO
−600
V
Emitter to base voltage
VEBO
−7.0
V
Collector current (DC)
IC(DC)
−1.0
A
Collector current (pulse)
IC(pulse)
PW
≤ 10 ms, duty cycle ≤ 50 %
−2.0
A
Total power dissipation
PT
7.5 cm
2
× 0.7 mm ceramic board used
2.0
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Electrode connection
1: Emitter
2: Collector
3: Base


Similar Part No. - 2SA1871

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SA1871 RENESAS-2SA1871 Datasheet
240Kb / 8P
SILICON TRANSISTOR
2002
logo
Guangdong Kexin Industr...
2SA1871-A1 KEXIN-2SA1871-A1 Datasheet
674Kb / 3P
PNP Transistors
2SA1871-A1-HF KEXIN-2SA1871-A1-HF Datasheet
1Mb / 3P
PNP Transistors
2SA1871-A2 KEXIN-2SA1871-A2 Datasheet
674Kb / 3P
PNP Transistors
2SA1871-A2-HF KEXIN-2SA1871-A2-HF Datasheet
1Mb / 3P
PNP Transistors
More results

Similar Description - 2SA1871

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1024 KEC-KTA1024 Datasheet
384Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE)
KTC3631D KEC-KTC3631D Datasheet
403Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE)
KTC4419 KEC-KTC4419 Datasheet
309Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH SPEED DC-DC CONVERTER)
KTC4520 KEC-KTC4520 Datasheet
356Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
logo
NEC
2SC3569 NEC-2SC3569 Datasheet
128Kb / 6P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-VOLTAGE HIGH-SPEED SWITCHING
2SC4346 NEC-2SC4346 Datasheet
112Kb / 5P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH SPEED SWITCHING, HIGH VOLTAGE SWITCHING
2SC4942 NEC-2SC4942 Datasheet
115Kb / 6P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
2SC2335 NEC-2SC2335 Datasheet
114Kb / 6P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
Renesas Technology Corp
2SC4942 RENESAS-2SC4942_15 Datasheet
240Kb / 8P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
2SA1871 RENESAS-2SA1871_15 Datasheet
241Kb / 8P
PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com