Electronic Components Datasheet Search
  English  ▼

X  

2SB772 Datasheet(PDF) 2 Page - NEC

Part # 2SB772
Description  PNP SILICON POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SB772 Datasheet(HTML) 2 Page - NEC

  2SB772 Datasheet HTML 1Page - NEC 2SB772 Datasheet HTML 2Page - NEC 2SB772 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data Sheet D17118EJ2V0DS
2
2SB772
TYPICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted.)
IC = 10 A • IB
IE = 0 A (Cob)
IC = 0 A (Cib)
TA
TC
VCE
IC
IC
IC
VCB
VEB
VCE
VCE
VCE
IC
IC(DC)
TC = 25
°C
IC(pulse)
50%
IB
hFE
VBE
Cib
Cob
VCE
VBE(sat)
VCE(sat)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com