Electronic Components Datasheet Search
  English  ▼

X  

B772 Datasheet(PDF) 1 Page - NEC

Part # B772
Description  PNP SILICON POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

B772 Datasheet(HTML) 1 Page - NEC

  B772 Datasheet HTML 1Page - NEC B772 Datasheet HTML 2Page - NEC B772 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
PNP SILICON POWER TRANSISTOR
2SB772
PNP SILICON POWER TRANSISTOR
DATA SHEET
Document No. D17118EJ2V0DS00 (2nd edition)
(Previous No. TC-3569)
Date Published March 2004 N CP(K)
Printed in Japan
c
The mark
shows major revised points.
2004
DESCRIPTION
The 2SB772 is PNP silicon transistor suited for the output stage of 3
W audio amplifier, voltage regulator, DC-DC converter and relay
driver.
FEATURES
• Low saturation voltage
VCE(sat)
≤ −0.5 V (IC = −2 A, IB = −0.2 A)
• Excellent hFE linearity and high hFE
hFE = 60 to 400 (VCE =
−2 V, IC = −1 A)
• Less cramping space required due to small and thin package and
reducing the trouble for attachment to a radiator.
No insulator bushing required.
ABSOLUTE MAXIMUM RATINGS
Maximum Temperature
Storage Temperature
−55 to +150°C
Junction Temperature
150
°C Maximum
Maximum Power Dissipation
Total Power Dissipation (TA = 25
°C)
1.0 W
Total Power Dissipation (TC = 25
°C)
10 W
Maximum Voltages and Currents (TA = 25
°C)
VCBO
Collector to Base Voltage
−40 V
VCEO
Collector to Emitter Voltage
−30 V
VEBO
Emitter to Base Voltage
−5.0 V
IC(DC)
Collector Current (DC)
−3.0 A
IC(pulse)
Note
Collector Current (pulse)
−7.0 A
Note Pulse Test PW
≤ 350
µs, Duty Cycle ≤ 2%
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTIC
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
DC Current Gain
hFE1
VCE =
−2.0 V, IC = −20 mA
Note
30
220
DC Current Gain
hFE2
VCE =
−2.0 V, IC = −1.0 mA
Note
60
160
400
Gain Bandwidth Product
fT
VCE =
−5.0 V, IC = −0.1 A
80
MHz
Output Capacitance
Cob
VCB =
−10 V, IE = 0, f = 1.0 MHz
55
pF
Collector Cutoff Current
ICBO
VCB =
−30 V, IE = 0 A
−1.0
µA
Emitter Cutoff Current
IEBO
VEB =
−3.0 V, IC = 0 A
−1.0
µA
Collector Saturation Voltage
VCE(sat)
IC =
−2.0 A, IB = −0.2 A
Note
−0.3
−0.5
V
Base Saturation Voltage
VBE(sat)
IC =
−2.0 A, IB = −0.2 A
Note
−1.0
−2.0
V
Note Pulse Test: PW
≤ 350
µs, Duty Cycle ≤ 2%
CLASSIFICATION OF hFE
Rank
R
Q
P
E
Range
60 to 120
100 to 200
160 to 320
200 to 400
Remark Test Conditions: VCE =
−2.0 V, IC = 1.0 A
PACKAGE DRAWING (Unit: mm)
8.5 MAX.
3.2 ±0.2
12 TYP.
2.3 TYP.
2.3 TYP.
1.2 TYP.
0.55
2.8 MAX.
0.8
+0.08
–0.05
+0.08
–0.05
1: Emitter
2: Collector: connected to mounting plane
3: Base


Similar Part No. - B772

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
B772 UTC-B772 Datasheet
46Kb / 2P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
logo
Samsung semiconductor
B772 SAMSUNG-B772 Datasheet
264Kb / 7P
PNP (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
logo
Fairchild Semiconductor
B772 FAIRCHILD-B772 Datasheet
76Kb / 5P
Audio Frequency Power Amplifier
logo
Hi-Sincerity Mocroelect...
B772 HSMC-B772 Datasheet
41Kb / 4P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
KEC(Korea Electronics)
B772 KEC-B772 Datasheet
297Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
More results

Similar Description - B772

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1142 NEC-2SA1142 Datasheet
64Kb / 1P
PNP SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SA1303 ISC-2SA1303 Datasheet
106Kb / 2P
Silicon PNP Power Transistor
2SA1741 ISC-2SA1741 Datasheet
164Kb / 3P
Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
Silicon PNP Power Transistor
2SA1986 NJSEMI-2SA1986 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
BDY83 NJSEMI-BDY83 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com