Electronic Components Datasheet Search
  English  ▼

X  

2SC4554 Datasheet(PDF) 2 Page - NEC

Part # 2SC4554
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4554 Datasheet(HTML) 2 Page - NEC

  2SC4554 Datasheet HTML 1Page - NEC 2SC4554 Datasheet HTML 2Page - NEC 2SC4554 Datasheet HTML 3Page - NEC 2SC4554 Datasheet HTML 4Page - NEC 2SC4554 Datasheet HTML 5Page - NEC 2SC4554 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet D15600EJ2V0DS
2
2SC4554
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 100 V, IE = 0
10
µA
Emitter cutoff current
IEBO
VEB = 5.0 V, IC = 0
17
mA
DC current gain
hFE1
VCE = 2.0 V, IC = 5.0 A
450
800
2,000
DC current gain
hFE2
VCE = 2.0 V, IC = 10 A
150
Collector saturation voltage
VCE(sat)1
IC = 5.0 A, IB = 100 mA
0.25
V
Collector saturation voltage
VCE(sat)2
IC = 5.0 A, IB = 50 mA
0.12
0.3
V
Collector saturation voltage
VCE(sat)3
IC = 10 A, IB = 200 mA
0.4
V
Collector saturation voltage
VCE(sat)4
IC = 10 A, IB = 100 mA
0.75
V
Base saturation voltage
VBE(sat)
IC = 10 A, IB = 100 mA
1.2
V
Gain bandwidth product
fT
VCE = 5.0 V, IC = 1.0 A
100
MHz
Collector capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
210
pF
Turn-on time
ton
0.5
µs
Storage time
tstg
2.0
µs
Fall time
tf
IC = 8.0 A, RL = 2.0
Ω,
IB1 =
−IB2 = 80 mA, VCC ≅ 16 V
Refer to the test circuit.
0.5
µs
Diode forward voltage
VDF
IDF = 10 A
1.6
V
SWITCHING TIME (ton, tstg, tf) TEST CIRCUIT
Base current
waveform
Collector current
waveform



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com