Electronic Components Datasheet Search
  English  ▼

X  

1604913 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1604913
Description  Housing - HC-D 50-TFQ-76/O1M25S
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1604913 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1604913 Datasheet HTML 1Page - PHOENIX CONTACT 1604913 Datasheet HTML 2Page - PHOENIX CONTACT 1604913 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1604913
12/22/2014   Page 1 / 3
Housing - HC-D 50-TFQ-76/O1M25S - 1604913
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
HEAVYCON sleeve housing D50, for double locking latch, height 76 mm, with support 1xM25, lateral conductor
exit
 
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
296.0 GRM
Custom tariff number
85389099
Country of origin
Germany
Technical data
Dimensions
Height
76 mm
Width
56 mm
Length
82 mm
Ambient conditions
Degree of protection of housing (IP)
IP65
Ambient temperature (operation)
-40 °C ... 125 °C
General
Note
For contact inserts HC-D25, A16/A32
Type
D50
Housing type
Sleeve housing
Locking type
For double locking latch
No. of cable outlets
1


Similar Part No. - 1604913

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1604910 PHOENIX-1604910 Datasheet
57Kb / 3P
Housing - HC-D 50-SMQ-81/O2M32
logo
Weidmuller
1604910000 WEIDMULLER-1604910000 Datasheet
344Kb / 5P
SL 3.50/16/180 3.2SN OR BX
1604910000 WEIDMULLER-1604910000 Datasheet
1Mb / 23P
BL 3.50/16/180 SN OR BX PRT
logo
PHOENIX CONTACT
1604912 PHOENIX-1604912 Datasheet
63Kb / 4P
Housing - HC-D 50-TFQ-76/O1M25G
1604914 PHOENIX-1604914 Datasheet
61Kb / 4P
Housing - HC-D 50-TFQ-76/O1M32G
More results

Similar Description - 1604913

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1604852 PHOENIX-1604852 Datasheet
61Kb / 4P
Housing - HC-B 24-TFQ-76/O1M25S
1604912 PHOENIX-1604912 Datasheet
63Kb / 4P
Housing - HC-D 50-TFQ-76/O1M25G
1604914 PHOENIX-1604914 Datasheet
61Kb / 4P
Housing - HC-D 50-TFQ-76/O1M32G
1604918 PHOENIX-1604918 Datasheet
66Kb / 4P
Housing - HC-D 50-TMQ-76/O1M25S
1645192 PHOENIX-1645192 Datasheet
52Kb / 3P
Housing - HC-D 50-TFQ-76/O1STM25G
1645202 PHOENIX-1645202 Datasheet
53Kb / 3P
Housing - HC-D 50-TFQ-76/O1STM25S
1645215 PHOENIX-1645215 Datasheet
56Kb / 3P
Housing - HC-D 50-TFQ-76/O1STM32G
1645286 PHOENIX-1645286 Datasheet
53Kb / 3P
Housing - HC-D 50-TFQ-76/O1STM32S
1775787 PHOENIX-1775787 Datasheet
59Kb / 3P
Housing - HC-D 50-TFQ-76/M1PG21S
1775790 PHOENIX-1775790 Datasheet
59Kb / 3P
Housing - HC-D 50-TFQ-76/M1PG29S
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com