Electronic Components Datasheet Search
  English  ▼

X  

1604934 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1604934
Description  Housing - HC-HV 6-TFL-60/O1M25S
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1604934 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1604934 Datasheet HTML 1Page - PHOENIX CONTACT 1604934 Datasheet HTML 2Page - PHOENIX CONTACT 1604934 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1604934
12/6/13   Page 1 / 3
Housing - HC-HV 6-TFL-60/O1M25S - 1604934
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
HEAVYCON sleeve housing HV6, for single locking latch, height 60 mm, with support 1x M25, lateral conductor
exit
The illustration shows a sleeve
housing in the versions for double
locking latch and single locking latch
and with double locking latch, with
straight cable exit
Key commercial data
Packing unit
1 PCE
GTIN
Weight per Piece (excluding packing)
228.31 GRM
Custom tariff number
85389099
Country of origin
Germany
Technical data
Dimensions
Height
60 mm
Width
43 mm
Length
94 mm
Ambient conditions
Degree of protection of housing (IP)
IP65
Ambient temperature (operation)
-40 °C ... 125 °C
General
Note
For contact inserts HV-HV6
Design
HV6


Similar Part No. - 1604934

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1604931 PHOENIX-1604931 Datasheet
52Kb / 3P
Housing - HC-HV 3-TFQ-45/O1M25G
1604933 PHOENIX-1604933 Datasheet
63Kb / 3P
Housing - HC-HV 6-SMQ-67/O1M25
1604935 PHOENIX-1604935 Datasheet
54Kb / 3P
Housing - HC-HV 6-TFQ-65/O1M25G
1604936 PHOENIX-1604936 Datasheet
54Kb / 3P
Housing - HC-HV 6-TFQ-65/O1M25S
More results

Similar Description - 1604934

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1460046 PHOENIX-1460046 Datasheet
57Kb / 3P
Housing - HC-B 10-TFL-H-O1M25S
1460115 PHOENIX-1460115 Datasheet
43Kb / 2P
Housing - HC-B 16-TFL-H-O1M25S
1460333 PHOENIX-1460333 Datasheet
52Kb / 3P
Housing - HC-B 24-TFL-N-O1M25S
1604733 PHOENIX-1604733 Datasheet
98Kb / 3P
HC-B 6-TFL-43/O1M25S
1604736 PHOENIX-1604736 Datasheet
96Kb / 4P
HC-B 6-TFL-72/O1M25S
1604796 PHOENIX-1604796 Datasheet
100Kb / 3P
HC-B 16-TFL-60/O1M25S
1604840 PHOENIX-1604840 Datasheet
90Kb / 3P
HC-B 24-TFL-60/O1M25S
1604936 PHOENIX-1604936 Datasheet
54Kb / 3P
Housing - HC-HV 6-TFQ-65/O1M25S
1604940 PHOENIX-1604940 Datasheet
49Kb / 3P
Housing - HC-HV 10/16-TFL-76/O1M25S
1773705 PHOENIX-1773705 Datasheet
108Kb / 3P
HC-HV 6-TFL-60/M1PG21S
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com