Electronic Components Datasheet Search
  English  ▼

X  

2SC4942 Datasheet(PDF) 1 Page - NEC

Part # 2SC4942
Description  NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4942 Datasheet(HTML) 1 Page - NEC

  2SC4942 Datasheet HTML 1Page - NEC 2SC4942 Datasheet HTML 2Page - NEC 2SC4942 Datasheet HTML 3Page - NEC 2SC4942 Datasheet HTML 4Page - NEC 2SC4942 Datasheet HTML 5Page - NEC 2SC4942 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1998
©
Document No. D16152EJ1V0DS00 (2nd edition)
Date Published April 2002 N CP(K)
Printed in Japan
SILICON TRANSISTORS
2SC4942
NPN SILICON TRIPLE DIFFUSED TRANSISTOR
FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The 2SC4942 is a transistor developed for high-speed high-
voltage switching. This transistor is ideal for use in switching
devices such as switching regulators and DC/DC converters.
FEATURES
• New package with dimensions in between those of small
signal and power signal package
• High voltage
• Fast switching speed
• Complementary transistor with the 2SA1871
QUALITY GRADES
• Standard
Please refer to “Quality Grades on NEC Semiconductor
Devices” (Document No. C11531E) published by NEC
Corporation to know the specification of quality grade on the
devices and its recommended applications.
PACKAGE DRAWING (UNIT: mm)
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
Ratings
Unit
Collector to base voltage
VCBO
600
V
Collector to emitter voltage
VCEO
600
V
Emitter to base voltage
VEBO
7.0
V
Collector current (DC)
ID(DC)
1.0
A
Collector current (pulse)
ID(pulse)
PW
≤ 10 ms, duty cycle ≤ 50 %
2.0
A
Total power dissipation
PT
7.5 cm
2
× 0.7 mm ceramic board mounted
2.0
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Electrode connection
1. Emitter
2. Collector
3. Base


Similar Part No. - 2SC4942

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC4942 KEXIN-2SC4942 Datasheet
50Kb / 1P
NPN Silicon Transistors
logo
Renesas Technology Corp
2SC4942 RENESAS-2SC4942 Datasheet
239Kb / 8P
SILICON TRANSISTORS
2002
logo
Guangdong Kexin Industr...
2SC4942-A1 KEXIN-2SC4942-A1 Datasheet
1,008Kb / 3P
NPN Transistors
2SC4942-A1-HF KEXIN-2SC4942-A1-HF Datasheet
1,004Kb / 3P
NPN Transistors
2SC4942-A2 KEXIN-2SC4942-A2 Datasheet
1,008Kb / 3P
NPN Transistors
More results

Similar Description - 2SC4942

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4372 KEC-KTC4372 Datasheet
356Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR(HIGH VOLTAGE SWITCHING)
MJE13003 KEC-MJE13003 Datasheet
381Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE AND HIGH SPEED SWITCHING)
logo
NEC
2SA1871 NEC-2SA1871 Datasheet
116Kb / 6P
PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
2SC3569 NEC-2SC3569 Datasheet
128Kb / 6P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-VOLTAGE HIGH-SPEED SWITCHING
2SC4346 NEC-2SC4346 Datasheet
112Kb / 5P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH SPEED SWITCHING, HIGH VOLTAGE SWITCHING
2SD1592 NEC-2SD1592 Datasheet
89Kb / 4P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-VOLTAGE LOW-SPEED SWITCHING
2SC2335 NEC-2SC2335 Datasheet
114Kb / 6P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
KEC(Korea Electronics)
KTC3003HV KEC-KTC3003HV Datasheet
444Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR HIGH VOLTAGE AND HIGH SPEED SWITCHING APPLICATION
logo
Renesas Technology Corp
2SC4942 RENESAS-2SC4942_15 Datasheet
240Kb / 8P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
2SA1871 RENESAS-2SA1871_15 Datasheet
241Kb / 8P
PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com