Electronic Components Datasheet Search
  English  ▼

X  

2SD415 Datasheet(PDF) 1 Page - NEC

Part # 2SD415
Description  PNP/NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SD415 Datasheet(HTML) 1 Page - NEC

  2SD415 Datasheet HTML 1Page - NEC 2SD415 Datasheet HTML 2Page - NEC 2SD415 Datasheet HTML 3Page - NEC 2SD415 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
1998
©
Document No. D16141EJ2V0DS00
Date Published April 2002 N CP(K)
Printed in Japan
SILICON POWER TRANSISTOR
2SB548, 549/2SD414, 415
PNP/NPN SILICON EPITAXIAL TRANSISTOR
FOR LOW-FREQUENCY POWER AMPLIFIERS
DATA SHEET
2002
FEATURES
• Ideal for audio amplifier drivers with 30 W to 50 W output
• High voltage
• Available for small mount spaces due to small and thin package
• Easy to be attached to radiators
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
2SB548/
2SD414
2SB549/
2SD415
Unit
Collector to base voltage
VCBO
−100/120
V
Collector to emitter voltage
VCEO
−80/80
−100/100
V
Emitter to base voltage
VEBO
−5.0/5.0
V
Collector current
IC(DC)
−0.8/0.8
A
Collector current
IC(pulse)*
−1.5/1.5
A
Total power dissipation
PT (Ta = 25
°C)
1.0
W
Total power dissipation
PT (Tc = 25
°C)
10
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
*PW
≤ 10 ms, duty cycle ≤ 50%
PACKAGE DRAWING (UNIT: mm)
Electrode Connection
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−80/80 V, IE = 0
−1.0/1.0
µA
Emitter cutoff current
IEBO
VEB =
−3.0/3.0 V, IC = 0
−1.0/1.0
µA
DC current gain
hFE1
VCE =
−5.0/5.0 V, IC = −2.0/2.0 mA*
20
DC current gain
hFE2
VCE =
−5.0/5.0 V, IC = −200/200 mA*
40
90
320
Collector saturation voltage
VCE(sat)
IC =
−500/500 mA, IB = −50/50 mA*
−0.4/0.3
−2.0/2.0
V
Base saturation voltage
VBE(sat)
IC =
−500/500 mA, IB = −50/50 mA*
−0.9/0.9
−1.5/1.5
V
Gain bandwidth product
fT
VCE =
−5.0/5.0 V, IC = −100/100 mA
70/45
MHz
Collector capacitance
Cob
VCB =
−10/10 V, IE = 0, f = 1.0 MHz
25/15
pF
*
Pulse test PW
≤ 350
µs, duty cycle ≤ 2%
hFE2 CLASSIFICATION
Marking
S
R
Q
P
hFE2
40 to 80
60 to 120
100 to 200
160 to 320


Similar Part No. - 2SD415

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD415 ETC-2SD415 Datasheet
49Kb / 1P
Audio Frequency Power Amplifier
More results

Similar Description - 2SD415

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1221 NEC-2SA1221 Datasheet
85Kb / 4P
PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS
2SD1588 NEC-2SD1588 Datasheet
102Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SD2161 NEC-2SD2161 Datasheet
130Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SD2162 NEC-2SD2162 Datasheet
112Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SD2164 NEC-2SD2164 Datasheet
128Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SA1897 NEC-2SA1897 Datasheet
107Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
2SD2230 NEC-2SD2230 Datasheet
119Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS
logo
Renesas Technology Corp
2SD1581 RENESAS-2SD1581_15 Datasheet
228Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS
2SD1582 RENESAS-2SD1582_15 Datasheet
229Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS
2SB1628 RENESAS-2SB1628_15 Datasheet
249Kb / 8P
PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com