Electronic Components Datasheet Search
  English  ▼

X  

D560 Datasheet(PDF) 1 Page - NEC

Part # D560
Description  NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D560 Datasheet(HTML) 1 Page - NEC

  D560 Datasheet HTML 1Page - NEC D560 Datasheet HTML 2Page - NEC D560 Datasheet HTML 3Page - NEC D560 Datasheet HTML 4Page - NEC D560 Datasheet HTML 5Page - NEC D560 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
1998
©
Document No. D14863EJ3V0DS00 (3rd edition)
Date Published April 2002 N CP(K)
Printed in Japan
SILICON POWER TRANSISTOR
2SD560
NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION)
FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
DATA SHEET
2002
The 2SD560 is a mold power transistor developed for low-
frequency power amplifiers and low-speed switching. This transistor is
ideal for direct driving from the IC output of devices such as pulse
motor drivers and relay drivers, and PC terminals.
FEATURES
• C-to-E reverse diode inserted
• Low collector saturation voltage
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C)
Parameter
Symbol
Conditions
Ratings
Unit
Collector to base voltage
VCBO
150
V
Collector to emitter voltage
VCEO
100
V
Emitter to base voltage
VEBO
7.0
V
Collector current (DC)
IC(DC)
±5.0
A
Collector current (pulse)
IC(pulse)
PW
≤ 10 ms,
duty cycle
≤ 50%
±8.0
A
Base current (DC)
IB(DC)
0.5
A
TC = 25
°C
30
W
Total power dissipation
PT
TA = 25
°C
1.5
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
ORDERING INFORMATION
Ordering Name
Package
2SD560
TO-220AB
(TO-220AB)
INTERNAL EQUIVALENT CIRCUIT
1. Base
2. Collector
3. Emitter


Similar Part No. - D560

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D56006-001US INTEL-D56006-001US Datasheet
1Mb / 94P
Technical Product Specification
D56013-001US INTEL-D56013-001US Datasheet
1Mb / 98P
Technical Product Specification
D56019-001US INTEL-D56019-001US Datasheet
1Mb / 102P
Technical Product Specification
D56021-001US INTEL-D56021-001US Datasheet
2Mb / 104P
Technical Product Specification
logo
Vishay Siliconix
D56025U2JH6 VISHAY-D56025U2JH6 Datasheet
123Kb / 9P
Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
09-May-14
More results

Similar Description - D560

ManufacturerPart #DatasheetDescription
logo
NEC
2SB601 NEC-2SB601 Datasheet
110Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SD2217 NEC-2SD2217 Datasheet
100Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SB1431 NEC-2SB1431 Datasheet
132Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SB1430 NEC-2SB1430 Datasheet
115Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SB1432 NEC-2SB1432 Datasheet
106Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SD1695 NEC-2SD1695 Datasheet
104Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SD2165 NEC-2SD2165 Datasheet
118Kb / 5P
NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SD1843 NEC-2SD1843 Datasheet
76Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
logo
Renesas Technology Corp
2SB1432 RENESAS-2SB1432_15 Datasheet
229Kb / 8P
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SB1431 RENESAS-2SB1431_15 Datasheet
257Kb / 8P
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com