Electronic Components Datasheet Search
  English  ▼

X  

TMUX1113 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1113
Description  5-V, low-leakage-current, 1:1 (SPST), 4-channel precision switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1113 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX1113 Datasheet HTML 1Page - Texas Instruments TMUX1113 Datasheet HTML 2Page - Texas Instruments TMUX1113 Datasheet HTML 3Page - Texas Instruments TMUX1113 Datasheet HTML 4Page - Texas Instruments TMUX1113 Datasheet HTML 5Page - Texas Instruments TMUX1113 Datasheet HTML 6Page - Texas Instruments TMUX1113 Datasheet HTML 7Page - Texas Instruments TMUX1113 Datasheet HTML 8Page - Texas Instruments TMUX1113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
TMUX1111, TMUX1112, TMUX1113
SCDS408 – FEBRUARY 2019
www.ti.com
Product Folder Links: TMUX1111
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics (VDD = 5 V ±10 %) ............ 5
7.6
Electrical Characteristics (VDD = 3.3 V ±10 %) ......... 7
7.7
Electrical Characteristics (VDD = 1.8 V ±10 %) ......... 9
7.8
Electrical Characteristics (VDD = 1.2 V ±10 %) ....... 11
8
Parameter Measurement Information ................ 13
8.1
On-resistance.......................................................... 13
8.2
Off-leakage current ................................................. 13
8.3
On-leakage current ................................................. 14
8.4
Transition time......................................................... 14
8.5
Break-before-make ................................................. 15
8.6
Charge injection ...................................................... 15
8.7
Off isolation ............................................................. 16
8.8
Channel-to-Channel Crosstalk ................................ 16
8.9
Bandwidth ............................................................... 17
9
Detailed Description ............................................ 18
9.1
Functional Block Diagram ....................................... 18
9.2
Feature Description................................................. 18
9.3
Device Functional Modes........................................ 19
9.4
Truth Tables ............................................................ 19
10
Application and Implementation........................ 20
10.1
Application Information.......................................... 20
10.2
Typical Application ............................................... 20
10.3
Design Requirements............................................ 21
10.4
Detailed Design Procedure ................................... 21
11
Power Supply Recommendations ..................... 22
12
Layout................................................................... 22
12.1
Layout Guidelines ................................................. 22
12.2
Layout Example .................................................... 23
13
Device and Documentation Support ................. 24
13.1
Documentation Support ........................................ 24
13.2
Receiving Notification of Documentation Updates 24
13.3
Community Resources.......................................... 24
13.4
Trademarks ........................................................... 24
13.5
Electrostatic Discharge Caution ............................ 24
13.6
Glossary ................................................................ 24
14
Mechanical, Packaging, and Orderable
Information ........................................................... 24
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
February 2019
*
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com