Electronic Components Datasheet Search
  English  ▼

X  

FEE16HT Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # FEE16HT
Description  16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FEE16HT Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  FEE16HT Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FEE16HT Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25
ambient temperature unless otherwise specified.
NOTES :
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Heatsink TO-220AB open metal package
High surge current capability
Weight: 2.2 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
(1) Reverse recovery test conditions IF= 0.5A, IR= 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
Epoxy: UL 94V-0 rate flame retardant
TO-220AB/TO-220-3L
Unit : inch (mm)
FEE16BT thru FEE16JT
Pb Free Plating Product
FEE16BT/FEE16DT/FEE16FT/FEE16GT/FEE16HT/FEE16JT
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Application
Pb
-55 to + 150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
140
200
400
280
600
420
600
16.0
5.0
175
0.98
35
100
90
2.0
UNIT
V
V
V
V
A
A
pF
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
Half sine-wave superimposed on rated load
(JEDEC method)
@ 8.0 A
At Rated DC Blocking Voltage @TJ=125
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
R JC
Temperature Range
FEE16BT
200
400
1.3
1.7
Automotive Inverters and Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
Rev.09T
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
(Total Device 2x8A=16A)
(Per Diode/Per Leg)
μA
μA
/W
℃
℃
150
Positive
Negative
Common Cathode
Case
Case
Case
Common Anode
Prefix"FEP"
Case
Series
Tandem Polarity
Prefix"FEN"
Prefix"FEE"
Doubler
Tandem Polarity
Prefix"FED"
℃
℃
℃
℃
FEE16DT
FEE16FT
FEE16GT
FEE16HT
FEE16JT


Similar Part No. - FEE16HT

ManufacturerPart #DatasheetDescription
logo
NEC
FEE16 NEC-FEE16 Datasheet
6Mb / 71P
Ferrite Cores
FEE16W NEC-FEE16W Datasheet
6Mb / 71P
Ferrite Cores
More results

Similar Description - FEE16HT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR1620CTS THINKISEMI-MUR1620CTS Datasheet
365Kb / 2P
16.0 Ampere Heatsink Series Connection Ultra Fast Recovery Rectifiers
MUR1620GD THINKISEMI-MUR1620GD_12 Datasheet
366Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
FEP16BTS THINKISEMI-FEP16BTS Datasheet
368Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
U16C20S THINKISEMI-U16C20S_V01 Datasheet
344Kb / 2P
16.0 Ampere Heatsink Series Connection Ultra Fast Recovery Rectifiers
F16C20S THINKISEMI-F16C20S Datasheet
423Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
UF16C20S THINKISEMI-UF16C20S Datasheet
266Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
VF16C20S THINKISEMI-VF16C20S Datasheet
265Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
MUR1620CS THINKISEMI-MUR1620CS Datasheet
275Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
Rev.07T
MUR1620CL THINKISEMI-MUR1620CL Datasheet
269Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
Rev.07T
MURL1620CT THINKISEMI-MURL1620CT Datasheet
270Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com