Electronic Components Datasheet Search
  English  ▼

X  

CE2A3Q Datasheet(PDF) 2 Page - NEC

Part # CE2A3Q
Description  on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

CE2A3Q Datasheet(HTML) 2 Page - NEC

  CE2A3Q Datasheet HTML 1Page - NEC CE2A3Q Datasheet HTML 2Page - NEC CE2A3Q Datasheet HTML 3Page - NEC CE2A3Q Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet D16179EJ2V0DS
2
CE2A3Q
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 50 V, IE = 0
100
nA
DC current gain
hFE1 **
VCE = 50 V, IC = 0.2 A
700
1300
−
DC current gain
hFE2 **
VCE = 5.0 V, IC = 1.0 A
1000
1700
3000
−
DC current gain
hFE3 **
VCE = 5.0 V, IC = 2.0 A
500
1300
−
Low level output voltage
VOL **
VI = 5.0 V, IC = 0.5 A
0.12
0.3
V
Low level input voltage
VIL **
VCE = 12 V, IC = 100
µA
0.46
0.4
V
Input resistance 1
R1
0.7
1.0
1.3
k
Ω
Input resistance 2
R2
7.0
10.0
13.0
k
Ω
Turn-on time
ton
0.4
µs
Storage time
tstg
1.4
µs
Fall time
tf
IC = 1.0 A
IBI =
−IB2 = 10 mA
VCC = 20 V, RL = 20
Ω
0.5
µs
** Pulse test PW
≤ 350
µs, duty cycle ≤ 2 %
TYPICAL CHARACTERISTICS (Ta = 25
°°°°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com