Electronic Components Datasheet Search
  English  ▼

X  

FXL2T245 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FXL2T245
Description  Low-Voltage, Dual-Supply, 2-Bit, Signal Translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FXL2T245 Datasheet(HTML) 2 Page - ON Semiconductor

  FXL2T245 Datasheet HTML 1Page - ON Semiconductor FXL2T245 Datasheet HTML 2Page - ON Semiconductor FXL2T245 Datasheet HTML 3Page - ON Semiconductor FXL2T245 Datasheet HTML 4Page - ON Semiconductor FXL2T245 Datasheet HTML 5Page - ON Semiconductor FXL2T245 Datasheet HTML 6Page - ON Semiconductor FXL2T245 Datasheet HTML 7Page - ON Semiconductor FXL2T245 Datasheet HTML 8Page - ON Semiconductor FXL2T245 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
April 2014
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXL2T245 • Rev. 1.0.2
FXL2T245
Low-Voltage, Dual-Supply, 2-Bit, Signal Translator
with Configurable Voltage Supplies and Signal Levels
and 3-State Outputs
Features
Bi-Directional Interface between any 2 Levels from
1.1 V to 3.6 V
Fully Configurable, Inputs Track V
CC Level
Non-Preferential Power-up Sequencing; either V
CC
maybe Powered-up First
Outputs Remain in 3-State until Active V
CC Level is
Reached
Outputs Switch to 3-State if either V
CC is at GND
Power-Off Protection
Control Inputs (T/R, OE) Levels are Referenced to
VCCA Voltage
Packaged in 10-Lead MicroPak
(1.6 mm x 2.1 mm) Package
ESD Protection Exceeds:
- 4 kV HBM ESD JESD22-A114 & Mil Std 883e
3015.7)
- 8kV HBM I/O to GND ESD (per JESD22-A114 &
Mil Std 883e 3015.7)
- 1 kV CDM ESD (per ESD STM 5.3)
- 200 V MM ESD (per JESD22-A115 & ESD
STM5.2)
Description
The FXL2T245 is a configurable, dual-voltage-supply
translator designed for uni-directional and bi-directional
voltage translation between two logic levels. The device
allows translation between voltages as high as 3.6 V to
as low as 1.1 V. The A port tracks the VCCA level and the
B port tracks the VCCB level. This allows for bi-directional
voltage translation over a variety of voltage levels:
1.2 V, 1.5 V, 1.8 V, 2.5 V, and 3.3 V.
The device remains in 3-state until both VCCs reach
active levels, allowing either VCC to be powered-up first.
Internal power-down control circuits place the device in
3-state if either VCC is removed.
The Transmit / Receive (T/R) input determines the
direction of data flow through the device. The OE input,
when HIGH, disables both the A and B ports by placing
them in a 3-state condition. The FXL2T245 is designed
so control pins T/R and OE are supplied by VCCA.
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing
Method
FXL2T245L10X
-40°C to +85°C
10-Lead, MicroPak
™, JEDEC MO255,1.6 x 2.1 mm
Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com