Electronic Components Datasheet Search
  English  ▼

X  

FXLP4555MPX Datasheet(PDF) 11 Page - ON Semiconductor

Part # FXLP4555MPX
Description  SIM Card Power Supply and Level Shifter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FXLP4555MPX Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FXLP4555MPX Datasheet HTML 7Page - ON Semiconductor FXLP4555MPX Datasheet HTML 8Page - ON Semiconductor FXLP4555MPX Datasheet HTML 9Page - ON Semiconductor FXLP4555MPX Datasheet HTML 10Page - ON Semiconductor FXLP4555MPX Datasheet HTML 11Page - ON Semiconductor FXLP4555MPX Datasheet HTML 12Page - ON Semiconductor FXLP4555MPX Datasheet HTML 13Page - ON Semiconductor FXLP4555MPX Datasheet HTML 14Page - ON Semiconductor FXLP4555MPX Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLP4555 • Rev. 1.0.0
10
Application Information
Card Supply Converter
The FXLP4555 interface DC-DC converter is a Low
Dropout (LDO) voltage regulator capable of supplying a
current in excess of 50mA under 1.8V or 3.0V.
Quiescent current is typically lower than 20µA (see
Figure 6 and Figure 7).
VSEL is a select input, allowing
a logic level signal to select a regulated voltage of 1.8V
(VSEL = LOW) or 3.0V (VSEL = HIGH).
FXLP4555 has a shutdown input (EN) that allows it to
turn off or turn on the regulator output. Figure 8 shows a
simplified view of the voltage regulator. The VCC_C output
is internally current limited and protected against short
circuits. The short-circuit current (IVCC_C_SC) is constant
over the SIM Card VCC and VBAT, while it varies with
operating temperature, typically in the range of 90mA to
140mA (Figure 4 and Figure 5).
To guarantee a stable LDO, the VCC_C output is
connected to a 1.0µF bypass ceramic capacitor to
ground. At the input, VBAT is bypassed to ground with a
0.1µF ceramic capacitor.
Level Shifters
The level shifters accommodate any voltage difference
between the Baseband (BB) Processor (1.65V – 5.5V)
and the SIM card (1.8V or 3V). The RESET and CLOCK
level shifters are uni-directional (from BB to SIM).
The bidirectional I/O line automatically adapts the
voltage difference between the baseband and the SIM
card in both directions. In addition, with the pull-up
resistor, an active edge rate accelerator circuit (see
Figure
9
)
provides
a
fast
charge
of
the
stray
capacitance, yielding a rise time within the ISO7816-3
specifications.
The typical waveform provided in Figure 10 shows how
the accelerator operates. Two distinct slew rates are
observed. From 0V to approximately VCC/2, the slew
rate is the RC time constant of the pull-up resistor and
the stray capacitance. When the input slope crosses the
VCC/2 threshold, the edge rate accelerator is activated,
resulting in the faster slew rate from approximately
VCC/2 to VCC as depicted in Figure 10.
Figure 8.
Simplified Block Diagram of the LDO
Voltage Regulator
Figure 9.
Basic I/O Line Interface
Figure 10.
SIM_IO Typical Rise and Fall Times with
Stray Capacitance > 30pF
(33pF Capacitor Connected on the Board)
Figure 11. Typical Schmitt Trigger Characteristics
VSEL
VCC_C
EN
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com