Electronic Components Datasheet Search
  English  ▼

X  

MP01036 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP01036
Description  1000MHz SAW Resonator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP01036 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP01036 Datasheet HTML 1Page - Golledge Electronics Ltd MP01036 Datasheet HTML 2Page - Golledge Electronics Ltd MP01036 Datasheet HTML 3Page - Golledge Electronics Ltd MP01036 Datasheet HTML 4Page - Golledge Electronics Ltd MP01036 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset,TA19 9DQ, UK
1000MHz SAW Resonator
Model: TC0337A
Part No: MP01036
REV NO.: 1
TC0337A v1
1
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 3 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency Fr
MHz
999.950
1000
1000.050
Insertion Loss IL
dB
-
1.75
2.3
Equivalent Elements
Motional capacitance C1
fF
-
0.92
-
Motional inductance L1
μH
-
27.5
-
Motional resistance R1
Ohm
-
21.5
-
Parallel capacitance Co
pF
-
2.11
-
Temp.coeff.
ppm/c*2
-
0.032
-
Turnover To
deg.C
-
25
-
Package size
SMD 3.8X3.8X1.4mm
D. EQUIVALENT CIRCUIT:
One-Port Resonator:
C0
R1
C1
L1
# B
# E
Source Impedance
Load Impedance
50
Ω
50
Ω


Similar Part No. - MP01036

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP010000 MULTICOMP-MP010000 Datasheet
167Kb / 1P
Silicone Seal 112 x 87 x 1.7mm
30/05/22 V1.0
logo
Golledge Electronics Lt...
MP01062 GOLLEDGE-MP01062 Datasheet
103Kb / 5P
SAW Filter 433.920MHz
MP01065 GOLLEDGE-MP01065 Datasheet
155Kb / 6P
SAW Filter 1280.180MHz
logo
Multicomp Pro
MP010693 MULTICOMP-MP010693 Datasheet
297Kb / 2P
High Speed Fuse
16/01/23 V1.1
MP010694 MULTICOMP-MP010694 Datasheet
297Kb / 2P
High Speed Fuse
16/01/23 V1.1
More results

Similar Description - MP01036

ManufacturerPart #DatasheetDescription
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
SAW resonator
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
SAW RESONATOR
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
SAW Resonator
2004-04-20
R31451 ITF-R31451 Datasheet
255Kb / 6P
SAW Resonator
2004-04-20
R31801 ITF-R31801 Datasheet
256Kb / 6P
SAW Resonator
2004-04-20
logo
TAI-SAW TECHNOLOGY CO.,...
TC0528A TAI-SAW-TC0528A Datasheet
407Kb / 6P
SAW Resonator 1000MHz SMD 3.0X3.0 mm
logo
SIPAT Co,Ltd
LBS100001 SIPAT-LBS100001 Datasheet
192Kb / 3P
1000MHz SAW Filter 2MHz Bandwidth
logo
Shenzhen Luguang Electr...
LGER433 LUGUANG-LGER433 Datasheet
314Kb / 4P
SAW resonator
logo
SIPAT Co,Ltd
LBS100001 SIPAT-LBS100001 Datasheet
192Kb / 3P
1000MHz SAW Filter 2MHz Bandwidth
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com