Electronic Components Datasheet Search
  English  ▼

X  

DGD2005 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD2005
Description  HIGH-SIDE AND LOW-SIDE GATE DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2005 Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD2005 Datasheet HTML 1Page - Diodes Incorporated DGD2005 Datasheet HTML 2Page - Diodes Incorporated DGD2005 Datasheet HTML 3Page - Diodes Incorporated DGD2005 Datasheet HTML 4Page - Diodes Incorporated DGD2005 Datasheet HTML 5Page - Diodes Incorporated DGD2005 Datasheet HTML 6Page - Diodes Incorporated DGD2005 Datasheet HTML 7Page - Diodes Incorporated DGD2005 Datasheet HTML 8Page - Diodes Incorporated DGD2005 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DGD2005
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Description
The DGD2005 is a mid-voltage/high-speed gate driver capable of
driving N-channel MOSFETs in a half-bridge configuration. High-
voltage processing techniques enable the DGD2005’s high-side to
switch to 200V in a bootstrap operation. The 30ns (maximum)
propagation delay matching between the high-side and low-side
drivers allows high-frequency switching.
The DGD2005 logic inputs are compatible with standard TTL and
CMOS levels (down to 3.3V) to interface easily with controlling
devices. The driver outputs feature high-pulse current buffers
designed for minimum driver cross conduction. The low-side gate
driver and logic share a common ground.
The DGD2005 is available in a space saving SO-8 package and
operates over an extended -40°C to +125°C temperature range.
Applications
•
Battery Power Tools and Appliances
•
Light Electric Vehicles (LEV)
•
Inverters
Features
•
Floating High-Side Driver in Bootstrap Operation to 200V
•
Drives Two N-Channel MOSFETs in Half Bridge Configuation
•
290mA Source/600mA Sink Output Current Capability
•
Outputs Tolerant to Negative Transients
•
Wide Logic and Low-Side Gate Driver Supply Voltage:
10V to 20V
•
Logic Input (HIN and LIN) 3.3V Capability
•
Schmitt Triggered Logic Inputs with Internal Pull Down
•
Delay Matching of 30ns Maximum
•
Undervoltage Lockout for High-Side and Low-Side Drivers
•
Extended Temperature Range: -40°C To +125°C
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
•
Case: SO-8 (Type TH)
•
Case Material: Molded Plastic. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 3 per J-STD-020
•
Terminals: Finish—Matte Tin Plated Leads. Solderable per
MIL-STD-202, Method 208
•
Weight: 0.075 grams (Approximate)
Ordering Information (Note 4)
Part Number
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
DGD2005S8-13
DGD2005
13
12
2500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
SO-8
Top View
Typical Configuration
DGD2005
YY WW
= Manufacturer’s Marking
DGD2005 = Product Type Marking Code
YY = Year (ex: 19 = 2019)
WW = Week (01 to 53)
DGD2005
Document number: DS40881 Rev. 3 - 2
1 of 11
www.diodes.com
February 2019
© Diodes Incorporated


Similar Part No. - DGD2005

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2005 DIODES-DGD2005 Datasheet
765Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 5 - 2 April 2021
DGD2005S8-13 DIODES-DGD2005S8-13 Datasheet
765Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 5 - 2 April 2021
DGD2005 DIODES-DGD2005_V01 Datasheet
765Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 5 - 2 April 2021
More results

Similar Description - DGD2005

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV51511 ONSEMI-NCV51511 Datasheet
224Kb / 15P
High-Frequency, High Side and Low Side Gate Driver
April, 2018 ??Rev. 0
logo
Diodes Incorporated
DGD0507A DIODES-DGD0507A Datasheet
596Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 2
DGD0590 DIODES-DGD0590 Datasheet
466Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2101M DIODES-DGD2101M Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD21064M DIODES-DGD21064M Datasheet
617Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
logo
Infineon Technologies A...
AUIRS2012S INFINEON-AUIRS2012S Datasheet
464Kb / 11P
High and low side gate driver
February 25, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com