Electronic Components Datasheet Search
  English  ▼

X  

DGD05473FNQ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD05473FNQ
Description  HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD05473FNQ Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD05473FNQ Datasheet HTML 1Page - Diodes Incorporated DGD05473FNQ Datasheet HTML 2Page - Diodes Incorporated DGD05473FNQ Datasheet HTML 3Page - Diodes Incorporated DGD05473FNQ Datasheet HTML 4Page - Diodes Incorporated DGD05473FNQ Datasheet HTML 5Page - Diodes Incorporated DGD05473FNQ Datasheet HTML 6Page - Diodes Incorporated DGD05473FNQ Datasheet HTML 7Page - Diodes Incorporated DGD05473FNQ Datasheet HTML 8Page - Diodes Incorporated DGD05473FNQ Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DGD05473FNQ
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER IN U-DFN3030-10
Description
The DGD05473 is a high-frequency gate driver capable of driving N-
channel MOSFETs. The floating high-side driver is rated up to 50V.
The DGD05473 logic inputs are compatible with standard TTL and
CMOS levels (down to 3.3V) to interface easily with MCUs. UVLO for
high-side and low-side protects a MOSFET with loss of supply. To
protect MOSFETs, cross conduction prevention logic prevents the HO
and LO outputs from being on at the same time.
Fast and well-matched propagation delays allow a higher switching
frequency, enabling a smaller, more compact power switching design,
using smaller associated components. To minimize space an internal
bootstrap diode is included. The DGD05473 is offered in the
U-DFN3030-10
package
and
operates
over
an
extended
-40°C to +125°C temperature range.
Applications
•
DC-DC Converters
•
Motor Controls
•
Battery Powered Hand Tools
•
eCig Devices
•
Class D Power Amplifiers
Features
•
50V Floating High-Side Driver
•
Drives Two N-Channel MOSFETs in a Half-Bridge Configuration
•
1.5A Source / 2.5A Sink Output Current Capability
•
Internal Bootstrap Diode Included
•
Undervoltage Lockout for High-Side and Low-Side Drivers
•
Delay Matching Maxmimum of 5ns
•
Propagation Delay Typical of 20ns
•
Logic Input (HIN, LIN and EN) 3.3V Capability
•
Ultra Low Standby Currents (<1µA)
•
Extended Temperature Range: -40°C to +125°C
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q100 Standards for High Reliability
•
PPAP Capable (Note 4)
Mechanical Data
•
Case: U-DFN3030-10
•
Case Material: Molded Plastic. “Green” Molding Compound
•
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 3 per J-STD-020
•
Terminals: Finish—NiPdAu
•
Solderable per MIL-STD-202, Method 208
•
Weight: 0.017 grams (Approximate)
Ordering Information (Note 4 & 5)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
DGD05473FNQ-7
Automotive
DGD05473
7
8
3000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
U-DFN3030-10
Top View
YYWW
DGD05473
DGD05473 = Product Type Marking Code
YY = Year (ex: 18 = 2018)
WW = Week (01 to 53)
Typical Configuration
Bottom View
e4
DGD05473FNQ
Document Number DS41301 Rev. 2 - 2
1 of 11
www.diodes.com
February 2019
© Diodes Incorporated


Similar Part No. - DGD05473FNQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD05473FNQ DIODES-DGD05473FNQ Datasheet
881Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER IN U-DFN3030-10
Rev. 4 - 2 August 2022
DGD05473FNQ DIODES-DGD05473FNQ_V01 Datasheet
881Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER IN U-DFN3030-10
Rev. 4 - 2 August 2022
More results

Similar Description - DGD05473FNQ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN8811T ONSEMI-FAN8811T Datasheet
901Kb / 17P
High-Frequency, High Side and Low Side Gate Driver IC
April 2017- Rev. 0
NCV51511 ONSEMI-NCV51511 Datasheet
224Kb / 15P
High-Frequency, High Side and Low Side Gate Driver
April, 2018 ??Rev. 0
logo
Diodes Incorporated
DGD0507A DIODES-DGD0507A Datasheet
596Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 2
DGD0547 DIODES-DGD0547 Datasheet
709Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD0590 DIODES-DGD0590 Datasheet
466Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD0590A DIODES-DGD0590A Datasheet
581Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 2
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD05473 DIODES-DGD05473 Datasheet
738Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
logo
ON Semiconductor
FAN8811 ONSEMI-FAN8811 Datasheet
341Kb / 14P
High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com