Electronic Components Datasheet Search
  English  ▼

X  

AM5749 Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # AM5749
Description  Sitara Processors Silicon Revision 1.0
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5749 Datasheet(HTML) 96 Page - Texas Instruments

Back Button AM5749 Datasheet HTML 92Page - Texas Instruments AM5749 Datasheet HTML 93Page - Texas Instruments AM5749 Datasheet HTML 94Page - Texas Instruments AM5749 Datasheet HTML 95Page - Texas Instruments AM5749 Datasheet HTML 96Page - Texas Instruments AM5749 Datasheet HTML 97Page - Texas Instruments AM5749 Datasheet HTML 98Page - Texas Instruments AM5749 Datasheet HTML 99Page - Texas Instruments AM5749 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 452 page
background image
96
AM5749, AM5748, AM5746
SPRS982F – DECEMBER 2016 – REVISED JULY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5749 AM5748 AM5746
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
Table 4-3. DSS Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vout2_d18
Video Output 2 Data output
O
F4 / G16
vout2_d19
Video Output 2 Data output
O
D2 / D17
vout2_d20
Video Output 2 Data output
O
E2 / AA3
vout2_d21
Video Output 2 Data output
O
D1 / AB9
vout2_d22
Video Output 2 Data output
O
F3 / AB3
vout2_d23
Video Output 2 Data output
O
F2 / AA4
DPI Video Output 3
vout3_clk
Video Output 3 Clock output
O
P1 / AF9
vout3_de
Video Output 3 Data Enable output
O
N9 / AD9
vout3_fld
Video Output 3 Field ID output. This signal is not used for embedded sync modes.
O
P9 / AG8
vout3_hsync
Video Output 3 Horizontal Sync output. This signal is not used for embedded sync
modes.
O
N7 / AE9
vout3_vsync
Video Output 3 Vertical Sync output. This signal is not used for embedded sync modes.
O
R4 / AF8
vout3_d0
Video Output 3 Data output
O
M6 / AH4 / AD3
vout3_d1
Video Output 3 Data output
O
M2 / AG6 / AD2
vout3_d2
Video Output 3 Data output
O
L5 / AH5 / AE6
vout3_d3
Video Output 3 Data output
O
M1 / AH3 / AE2
vout3_d4
Video Output 3 Data output
O
L6 / AH6 / AE1
vout3_d5
Video Output 3 Data output
O
L4 / AG7 / AE5
vout3_d6
Video Output 3 Data output
O
L3 / AD8 / AE3
vout3_d7
Video Output 3 Data output
O
L2 / AE8 / AF1
vout3_d8
Video Output 3 Data output
O
L1 / AF4
vout3_d9
Video Output 3 Data output
O
K2 / AF3
vout3_d10
Video Output 3 Data output
O
J1 / AF6
vout3_d11
Video Output 3 Data output
O
J2 / AF2
vout3_d12
Video Output 3 Data output
O
H1 / AG5
vout3_d13
Video Output 3 Data output
O
J3 / AG3
vout3_d14
Video Output 3 Data output
O
H2 / AG2
vout3_d15
Video Output 3 Data output
O
H3 / AG4
vout3_d16
Video Output 3 Data output
O
R6 / AG8 / AH4
vout3_d17
Video Output 3 Data output
O
T9 / AD9 / AG6
vout3_d18
Video Output 3 Data output
O
T6 / AH5
vout3_d19
Video Output 3 Data output
O
T7 / AH3
vout3_d20
Video Output 3 Data output
O
P6 / AH6
vout3_d21
Video Output 3 Data output
O
R9 / AG7
vout3_d22
Video Output 3 Data output
O
R5 / AD8
vout3_d23
Video Output 3 Data output
O
P5 / AE8
4.3.3
HDMI
NOTE
For more information, see the Display Subsystem / Display Subsystem Overview of the
Device TRM.
Table 4-4. HDMI Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
hdmi1_cec
HDMI consumer electronic control
IOD
B20/ G19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com