Electronic Components Datasheet Search
  English  ▼

X  

LM358 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM358
Description  Industry-Standard Dual Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM358 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM358 Datasheet HTML 5Page - Texas Instruments LM358 Datasheet HTML 6Page - Texas Instruments LM358 Datasheet HTML 7Page - Texas Instruments LM358 Datasheet HTML 8Page - Texas Instruments LM358 Datasheet HTML 9Page - Texas Instruments LM358 Datasheet HTML 10Page - Texas Instruments LM358 Datasheet HTML 11Page - Texas Instruments LM358 Datasheet HTML 12Page - Texas Instruments LM358 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
9
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM358B, LM2904, LM2904B, LM2904V
www.ti.com
SLOS068V – JUNE 1976 – REVISED SEPTEMBER 2018
Product Folder Links: LM158 LM258 LM258A LM358 LM358A LM358B LM2904 LM2904B LM2904V
Submit Documentation Feedback
Copyright © 1976–2018, Texas Instruments Incorporated
(1)
All typical values are TA = 25°C.
7.6 Electrical Characteristics: LM2904B and LM2904BA
For VS = (V+) – (V–) = 5 V to 36 V (±2.25 V to ±18 V), TA = 25 °C, RL = 10 kΩ connected to VS / 2, and VCM = VOUT = VS / 2
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
(1)
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
LM2904B
1
3
mV
TA = –40°C to 125°C
4
LM2904BA
0.5
1.8
TA = –40°C to 125°C
2.5
dVOS/dT
Input offset voltage drift
TA = –40°C to 125°C
±3.5
µV/°C
PSRR
Power-supply rejection ratio
(ΔVIO/ΔVS)
±1
15
µV/V
Channel separation, dc
At dc
120
dB
INPUT VOLTAGE RANGE
VCM
Common-mode input voltage
range
VS = 3 V to 36 V
(V–)
(V+) – 1.5
V
TA = –40°C to 125°C
(V–)
(V+) – 2
CMRR
Common-mode rejection ratio
(V–) < VCM < (V+) – 1.5 V
80
103
dB
(V–) < VCM < (V+) – 2 V
TA = –40°C to 125°C
70
96
INPUT BIAS CURRENT
IB
Input bias current
10
35
nA
TA = –40°C to 125°C
50
IOS
Input offset current
0.5
4
nA
TA = –40°C to 125°C
5
NOISE
En
Input voltage noise
ƒ = 0.1 to 10 Hz
8
µVPP
en
Input voltage noise density
ƒ = 1 kHz
40
nV/
√Hz
INPUT IMPEDANCE
ZID
Differential
10 || 0.1
MΩ || pF
ZIC
Common-mode
4 || 1.5
GΩ || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 15 V; VO = 1 V to 11 V; RL ≥ 2 kΩ
70
140
V/mV
TA = –40°C to 125°C
35
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
1.2
MHz
SR
Slew rate
G = +1
0.5
V/µs
φm
Phase margin
G = +1, RL = 10 kΩ, CL = 20 pF
56
º
tS
Settling time
To 0.1%, VS = 5 V, 2-V step , G = +1, CL = 100 pF
4
µs
tOR
Overload recovery time
VIN × gain > VS
30
µs
THD + N
Total harmonic distortion +
noise
G = +1, ƒ = 1 kHz, VO = 3.53 VRMS, RL = 100 kΩ
0.001%
OUTPUT
VO
Voltage output swing from rail
Positive rail (V+)
IOUT = 50 µA
1.35
1.5
V
IOUT = 1 mA
1.4
1.6
IOUT = 5mA
1.5
1.75
Negative rail (V–)
IOUT = 50 µA
0.1
0.15
IOUT = 1 mA
0.75
1
ISC
Short-circuit current
VS = 20 V
±40
60
mA
CLOAD
Capacitive load drive
100
pF
RO
Open-loop output resistance
f = 1 MHz, IO = 0 A
300
Ω
POWER SUPPLY
IQ
Quiescent current per amplifier
VS = 5 V; VO = 2.5 V; IO = 0 A
300
460
µA
VS = 36 V; VO = 2.5 V; IO = 0 A
TA = –40°C to 125°C
800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com