Electronic Components Datasheet Search
  English  ▼

X  

G802DS Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # G802DS
Description  Surface Mount Standard Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

G802DS Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  G802DS Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. G802DS Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. G802DS Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Maximum DC Blocking Voltage
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS voltage
Maximum Average Forward Rectified Current
200
V
140
V
V
8.0
-55 ~ +150
A
A
V
uA
°C
Units
200
Peak Forward Surge Current,8.3ms
Single Half Sine-wave Superimposed
on Rated Load (JEDEC method)
Max Instantaneous Forward Voltage at 8 A DC
Maximum DC Reverse Current
at Rated DC Reverse Voltage
Operating Junction Temperature Range
G801DS
T = 25
°C
a
T =125
°C
a
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Tj
TO-252
Tstg
Storage Temperature Range
400
280
400
600
600
1.1
-55 ~ +150
°C
800
560
800
1000
700
1000
5
500
160
420
25
Typical Thermal Resistance
°C/W
RθJC
Typical Junction Capacitance
pF
Cj
50
(1)
(2)
Measured at 1 MHz and applied reverse voltage of 4 V D.C
(2)
(1)
P.C.B. mounted with 10cmX10cmX1mm copper pad areas.
TO-251
100
70
100
G801VS
G802DS
G802VS
G804DS
G804VS
G806DS
G806VS
G808DS
G808VS
G810DS
G810VS
TO-251(I-PAK)
FEATURES
High current capability
Low forward voltage drop
Low power loss, high efficiency
High surge capability
High temperature soldering guaranteed
Mounting position: any
TO-252(D-PAK)
Surface Mount Standard Rectifiers
G801 THRU G810
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
2
Version: 0
http://www.trr-jx.com
version: 02


Similar Part No. - G802DS

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
G802DS YFWDIODE-G802DS Datasheet
486Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results

Similar Description - G802DS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DSF1A FORMOSA-DSF1A Datasheet
159Kb / 2P
Surface Mount Standard Rectifiers
logo
Microdiode Semiconducto...
DSR0.5A CHENDA-DSR0.5A Datasheet
881Kb / 2P
Surface Mount Standard Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S2A-SMB YFWDIODE-S2A-SMB Datasheet
103Kb / 2P
Surface Mount Standard Rectifiers
logo
Guangdong Juxing Electr...
G501 JUXING-G501 Datasheet
2Mb / 3P
Surface Mount Standard Rectifiers
G601 JUXING-G601 Datasheet
3Mb / 3P
Surface Mount Standard Rectifiers
S3AP JUXING-S3AP Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
S5A JUXING-S5A_10 Datasheet
2Mb / 3P
Surface Mount Standard Rectifiers
S5AP JUXING-S5AP Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
DSR1A JUXING-DSR1A_19 Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
logo
Shanghai Leiditech Elec...
S5A LEIDITECH-S5A Datasheet
397Kb / 3P
Surface Mount Standard rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com