Electronic Components Datasheet Search
  English  ▼

X  

S8GP Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # S8GP
Description  Surface Mount Standard Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

S8GP Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  S8GP Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. S8GP Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. S8GP Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low profile package
◆ Ideal for automated placement
◆ Glass passivated chip junction
◆ High forward surge capability
SMP
Polarity: Cathode line denotes the cathode end
Symbol
S
8AP S8BP S8DP S8GP S8JP S8KP S8MP
Units
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
Peak forward surge current,8.3ms
single half-sine-wave,
@TJ = 25°C
IFSM
A
I2t
A2sec
Maximum instantaneous forward
voltage
@ 8A
VF
V
@TA =25°C
@TA =125°C
TJ
°C
TSTG
°C
Operating junction temperature range
- 55 ---- + 150
Storage temperature range
- 55 ---- + 150
μ A
250
200
Rating for fusing(t<8.3ms)
166.0
1.1
Maximum Reverse current
Rated VR
IR
10
Characteristic
Peak repetitive reverse voltage
RMS reverse voltage
DC blocking voltage
Maximum average forward output current
8
SMP
Surface Mount Standard Rectifiers
S8AP THRU S8MP
http://www.trr-jx.com
version: 02


Similar Part No. - S8GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S8G MCC-S8G Datasheet
78Kb / 2P
8 Amp Silicon Rectifier 50 to 1000 Volts
S8G MCC-S8G Datasheet
180Kb / 4P
8 Amp Silicon Rectifier 50 to 1000 Volts
logo
Formosa MS
S8G FORMOSA-S8G Datasheet
119Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S8G YFWDIODE-S8G Datasheet
468Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
DAESAN ELECTRONIC CORP.
S8G DAESAN-S8G Datasheet
537Kb / 2P
STANDARD RECTIFIER
More results

Similar Description - S8GP

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DSF1A FORMOSA-DSF1A Datasheet
159Kb / 2P
Surface Mount Standard Rectifiers
logo
Microdiode Semiconducto...
DSR0.5A CHENDA-DSR0.5A Datasheet
881Kb / 2P
Surface Mount Standard Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S2A-SMB YFWDIODE-S2A-SMB Datasheet
103Kb / 2P
Surface Mount Standard Rectifiers
logo
Guangdong Juxing Electr...
G501 JUXING-G501 Datasheet
2Mb / 3P
Surface Mount Standard Rectifiers
G601 JUXING-G601 Datasheet
3Mb / 3P
Surface Mount Standard Rectifiers
S3AP JUXING-S3AP Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
S5A JUXING-S5A_10 Datasheet
2Mb / 3P
Surface Mount Standard Rectifiers
S5AP JUXING-S5AP Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
DSR1A JUXING-DSR1A_19 Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
logo
Shanghai Leiditech Elec...
S5A LEIDITECH-S5A Datasheet
397Kb / 3P
Surface Mount Standard rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com