Electronic Components Datasheet Search
  English  ▼

X  

SF508 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SF508
Description  Superfast Recovery Rectitiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SF508 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SF508 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SF508 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SF508 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Maximum Recurrent Peak Reverse Voltage
VRRM
800
V
Maximum RMS Voltage
VRMS
560
V
Maximum DC Blocking Voltage
VDC
800
V
Maximum Average Forward Rectified Current
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 5.0A DC
VF
V
J
=25℃
Maximum DC
Maximum DC Reverse Current
at Rated DC B
at Rated DC Blocking Voltage
J
=125℃
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJA
℃
/W
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
A
IR
-55 to +150
1.0
IFSM
A
150
-55 to +150
uA
I(AV)
45
15
300
5.0
2.2
2.Mounted on 10cm x 10cm x 1mm copper pad area
Maximum Reverse Recovery Time(Note3)
35
Trr
ns
CHARACTERISTICS
TO-251
UNIT
SF508VS
SF508DS
TO-252
3.Reverse Recovery Test Conditions:IF=0.5A,IR=1A,Irr=0.25A
FEATURES
High current capability
Low forward voltage drop
Low power loss, high efficiency
High surge capability
High temperature soldering guaranteed
Mounting position: any
TO-251(I-PAK)
TO-252(D-PAK)
Superfast Recovery Rectitiers
SF508
http://www.trr-jx.com
version: 02


Similar Part No. - SF508

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF508 GOOD-ARK-SF508 Datasheet
174Kb / 2P
SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF508

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
ER300 JUXING-ER300 Datasheet
717Kb / 2P
Superfast Recovery Rectitiers
ER201G JUXING-ER201G Datasheet
811Kb / 2P
Superfast Recovery Rectitiers
SF31G JUXING-SF31G Datasheet
680Kb / 2P
Superfast Recovery Rectitiers
SF51 JUXING-SF51 Datasheet
569Kb / 2P
Superfast Recovery Rectitiers
SF21G JUXING-SF21G Datasheet
788Kb / 2P
Superfast Recovery Rectitiers
SF501 JUXING-SF501 Datasheet
1Mb / 3P
Superfast Recovery Rectitiers
SF31 JUXING-SF31_18 Datasheet
707Kb / 2P
Superfast Recovery Rectitiers
SF51 JUXING-SF51_18 Datasheet
641Kb / 2P
Superfast Recovery Rectitiers
SFA06 JUXING-SFA06_15 Datasheet
1Mb / 2P
Superfast Recovery Rectitiers
DS601 JUXING-DS601 Datasheet
2Mb / 3P
Superfast Recovery Rectitiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com