Electronic Components Datasheet Search
  English  ▼

X  

SFF2002 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SFF2002
Description  Superfast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SFF2002 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SFF2002 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SFF2002 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SFF2002 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type Number
Symbol
SFF2002
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Maximum
Average
Forward
Rectified
Current @TC = 100
oC
I(AV)
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
Maximum Instantaneous Forward Voltage
@ 10A
VF
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=100
oC
IR
10
400
uA
uA
Maximum Reverse Recovery Time (Note 1)
Trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
90
pF
Typical Thermal Resistance (Note 3)
RθJC
2.5
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Thermal Resistance from Junction to Case Mounted on Heatsink.
200
400
600
140
280
420
200
400
600
SFF2004
SFF2006
0.975
1.30
1.70
V
125
A
20
A
◆ Ultrafast 35 Nanosecond Recovery Time
◆ 150°C Operating Junction Temperature
◆ Epoxy Meets UL94 ,V0 @ 1/8"
◆ High Temperature Glass Passivated Junction
◆ Low Forward Voltage
◆ Low Leakage Current
◆ Reverse Voltage to 600 Volts
◆ Pb
−Free Packages are Available
● Case: Epoxy, Molded
● Shipped 50 units per plastic tube
FEATURES
MECHANICAL DATA
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics
◆ Popular ITO
TO -220
-220
Package
&
● Finish: All External Surfaces Corrosion
Resistant and Terminal
● Lead Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
Leads are Readily
Solderable
SFF2002 THRU SFF2006
Superfast Recovery Rectifiers
ITO-220AB
TO-220AB
http://www.trr-jx.com
version: 02


Similar Part No. - SFF2002

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SFF2002 JUXING-SFF2002 Datasheet
2Mb / 2P
Superfast Recovery Rectifiers
logo
SUNMATE electronic Co.,...
SFF2002CT SUNMATE-SFF2002CT Datasheet
1Mb / 2P
SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SFF2002G TSC-SFF2002G Datasheet
330Kb / 2P
Isolated 20.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF2002G TSC-SFF2002G Datasheet
192Kb / 2P
20.0AMPS Isolated Glass Passivated Super Fast Rectifier
logo
Thinki Semiconductor Co...
SFF2002G THINKISEMI-SFF2002G Datasheet
1Mb / 2P
20.0 Amperes Insulated Dual Common Cathode Super Fast Recovery Rectifiers
More results

Similar Description - SFF2002

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER100 TRSYS-ER100 Datasheet
198Kb / 3P
SUPERFAST RECOVERY RECTIFIERS
ER100S TRSYS-ER100S Datasheet
147Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
ER800 TRSYS-ER800 Datasheet
164Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ED602CS PANJIT-ED602CS_04 Datasheet
48Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
ED802CT PANJIT-ED802CT_04 Datasheet
39Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
SF21 HY-SF21 Datasheet
38Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
SF31 HY-SF31 Datasheet
38Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
SF41 HY-SF41 Datasheet
35Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
EDT302S PANJIT-EDT302S Datasheet
415Kb / 5P
SUPERFAST RECOVERY RECTIFIERS
MURC4JI PANJIT-MURC4JI Datasheet
176Kb / 4P
SUPERFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com