Electronic Components Datasheet Search
  English  ▼

X  

LDFJ Datasheet(PDF) 1 Page - Littelfuse

Part # LDFJ
Description  LDFJ SERIES - DRIVE FUSES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LDFJ Datasheet(HTML) 1 Page - Littelfuse

  LDFJ Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2015 Littelfuse POWR-GARD® Products
www.littelfuse.com
Rev: 070915
1 of 1
POWR-GARD® Fuse Datasheet
LDFJ SERIES - DRIVE FUSES
600 VAC/450 VDC • Fast-Acting • 1-600 A
AMPERE RATINGS
1
6
20
45
90
175
350
2
8
25
50
100
200
400
3
10
30
60
110
225
450
4
12
35
70
125
250
500
5
15
40
80
150
300
600
Description
LDFJ series fuses provide space saving, high-speed
performance and short-circuit protection for AC and DC
drives.
LDFJ series offers current limiting features with lowest I2T
for protection of power semiconductor devices and motor
controllers.
Applications
• All AC/DC drives (Including variable frequency drives)
• Power converters and solid-state devices
• Resistive loads, such as resistance electric heat
AMPERE
RANGE
SERIES AMP CODE
CATALOG
NUMBER
ORDERING
NUMBER
PACK
QTY
1-60
LDFJ
060
LDFJ060
LDFJ060.T
10 PCS/
BOX
70-200
LDFJ
110
LDFJ110
LDFJ110.V
1 PC/
BOX
225-600
LDFJ
400
LDFJ400
LDFJ400.X
1 PC/
BOX
Ordering Information
Web Resources
TC curves, CAD drawings and other technical information
contact Tech-Line at 800-TEC-FUSE or techline@littelfuse.com.
Recommended Fuse Holders
LFJ60 Series
LFPSJ Series (1-60 A)
Specifications
Voltage Ratings
600 VAC / 450V DC (30-600A)
Interrupting Ratings
200 kA AC / 100kA DC
Ampere Range
1–600 A
Approvals
Standard 248-8, Class J
UL Listed
CSA Certified
AMPERES
REFER TO
FIG. NO.
DIMENSIONS INCHES (mm)
A
B
C
D
E
F
G
H
J
1 – 30
1
2.25 (57.2)
0.81 (20.6)
0.50 (12.7)
-
-
-
-
-
-
35 – 60
1
2.38 (60.5)
1.06 (26.9)
0.63 (16.0)
-
-
-
-
-
-
70 – 100
2
4.63 (117.6)
1.13 (28.7)
-
3.63 (92.2)
2.63 (66.8)
0.43 (10.9)
0.28 (7.1)
0.75 (19.1)
0.13 (3.3)
110 – 200
2
5.75 (146.1)
1.63 (41.4)
-
4.38 (111.3)
3.0 (76.2)
0.43 (10.9)
0.28 (7.1)
1.13 (28.7)
0.19 (4.8)
225 – 400
2
7.13 (181.1)
2.11 (53.6)
-
5.25 (133.4)
3.38 (85.9)
0.58 (14.7)
0.41 (10.4)
1.63 (41.4)
0.25 (6.4)
450 – 600
2
8.0 (203.2)
2.5 (63.5)
-
6.0 (152.4)
3.75 (95.3)
0.74 (18.8)
0.53 (13.5)
2.0 (50.8)
0.38 (9.7)
Dimensions Inches (mm)
FIGURE 1
FIGURE 2


Similar Part No. - LDFJ

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LDFJ060 LITTELFUSE-LDFJ060 Datasheet
313Kb / 2P
LDFJ SERIES - DRIVE FUSES
Rev: 070915
LDFJ060.T LITTELFUSE-LDFJ060.T Datasheet
313Kb / 2P
LDFJ SERIES - DRIVE FUSES
Rev: 070915
LDFJ110 LITTELFUSE-LDFJ110 Datasheet
313Kb / 2P
LDFJ SERIES - DRIVE FUSES
Rev: 070915
LDFJ110.V LITTELFUSE-LDFJ110.V Datasheet
313Kb / 2P
LDFJ SERIES - DRIVE FUSES
Rev: 070915
LDFJ400 LITTELFUSE-LDFJ400 Datasheet
313Kb / 2P
LDFJ SERIES - DRIVE FUSES
Rev: 070915
More results

Similar Description - LDFJ

ManufacturerPart #DatasheetDescription
logo
Semikron International
FUSES000 SEMIKRON-FUSES000 Datasheet
252Kb / 6P
FUSES
logo
Littelfuse
JLS LITTELFUSE-JLS Datasheet
415Kb / 2P
CLASS J JLS SERIES FUSES
LDC LITTELFUSE-LDC_16 Datasheet
290Kb / 13P
CLASS L ??LDC SERIES FUSES
LDFJ060 LITTELFUSE-LDFJ060 Datasheet
313Kb / 2P
LDFJ SERIES - DRIVE FUSES
Rev: 070915
BLN LITTELFUSE-BLN_V01 Datasheet
303Kb / 4P
Supplemental Fuses BLN Series
Rev: 100121
FLM LITTELFUSE-FLM_V01 Datasheet
317Kb / 5P
Supplemental Fuses FLM Series
Rev: 100121
FLNR LITTELFUSE-FLNR_V01 Datasheet
249Kb / 4P
Class RK5 Fuses FLNR Series
Rev: 090721
KLK LITTELFUSE-KLK_V01 Datasheet
398Kb / 3P
KLK SERIES 10x38 FUSES
Rev: 082715
SPF LITTELFUSE-SPF Datasheet
462Kb / 6P
SPF SERIES SOLAR FUSES
Rev: 113021
logo
List of Unclassifed Man...
FUSE125B ETC1-FUSE125B Datasheet
1Mb / 6P
FUSES
2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com