Electronic Components Datasheet Search
  English  ▼

X  

NLSX3013 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLSX3013
Description  8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX3013 Datasheet(HTML) 3 Page - ON Semiconductor

  NLSX3013 Datasheet HTML 1Page - ON Semiconductor NLSX3013 Datasheet HTML 2Page - ON Semiconductor NLSX3013 Datasheet HTML 3Page - ON Semiconductor NLSX3013 Datasheet HTML 4Page - ON Semiconductor NLSX3013 Datasheet HTML 5Page - ON Semiconductor NLSX3013 Datasheet HTML 6Page - ON Semiconductor NLSX3013 Datasheet HTML 7Page - ON Semiconductor NLSX3013 Datasheet HTML 8Page - ON Semiconductor NLSX3013 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NLSX3013
www.onsemi.com
3
I/O VL2
I/O VL4VL
EN
I/O VL6
I/O VL1
I/O VL3
I/O VL5
I/O VL7
I/O VL8
I/O VCC1
I/O VCC3
I/O VCC5
I/O VCC7
I/O VCC8
I/O VCC2
I/O VCC4VCC
GND
I/O VCC6
Figure 3. 20 Flip−Chip (2.54 mm x 2.03 mm)
(Top View)
12
3
4
5
A
B
C
D
PIN ASSIGNMENT
Pin
Name
Description
A1
I/O VL2
I/O Port 2, Referenced to VL
A2
I/O VL4
I/O Port 4, Referenced to VL
A3
VL
VL Input Voltage
A4
EN
Output Enable
A5
I/O VL6
I/O Port 6, Referenced to VL
B1
I/O VL1
I/O Port 1, Referenced to VL
B2
I/O VL3
I/O Port 3, Referenced to VL
B3
I/O VL5
I/O Port 5, Referenced to VL
B4
I/O VL7
I/O Port 7, Referenced to VL
B5
I/O VL8
I/O Port 8, Referenced to VL
C1
I/O VCC1
I/O Port 1, Referenced to VCC
C2
I/O VCC3
I/O Port 3, Referenced to VCC
C3
I/O VCC5
I/O Port 5, Referenced to VCC
C4
I/O VCC7
I/O Port 7, Referenced to VCC
C5
I/O VCC8
I/O Port 8, Referenced to VCC
D1
I/O VCC2
I/O Port 2, Referenced to VCC
D2
I/O VCC4
I/O Port 4, Referenced to VCC
D3
VCC
VCC Input Voltage
D4
GND
Ground
D5
I/O VCC6
I/O Port 6, Referenced to VCC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com