Electronic Components Datasheet Search
  English  ▼

X  

2N3821 Datasheet(PDF) 1 Page - Solitron Devices Inc.

Part # 2N3821
Description  N-CHANNEL JFETS - 1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.

2N3821 Datasheet(HTML) 1 Page - Solitron Devices Inc.

  2N3821 Datasheet HTML 1Page - Solitron Devices Inc. 2N3821 Datasheet HTML 2Page - Solitron Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3821 | 2N3822 | 2N3823
N-CHANNEL JFETS - 1
CALL: +1 561-848-4311
www.solitrondevices.com
EMAIL: sales@solitrondevices.com
Part Number
Package
19500/
Breakdown Voltage
Current
R
iso
2N3821
TO-18
375
50V
10mA
1010 Ω
2N3822
TO-18
375
50V
10mA
1010 Ω
2N3823
TO-18
375
30V
10mA
1010 Ω
ORDERING GUIDE
JAN2N3821
JANTX2N3821
JANTXV2N3821
JAN2N3822
JANTX2N3822
JANTXV2N3822
JAN2N3823
JANTX2N3823
JANTXV2N3823
KEY FEATURES
JAN/JANTX/JANTXV STANDARD PRODUCTS
QUALIFIED PER MIL-PRF-19500/375
LOW ON RESISTANCE
FAST SWITCHING
HIGH OFF ISOLATION
LOW FREQUENCY, LOW NOISE
VHF AMPLIFIERS, SMALL SIGNAL AMPLIFIERS
SECOND SOURCE FOR MICROSEMI
ABSOLUTE MAXIMUM RATINGS
Gate-Source Voltage
-30V
Storage Temperature
-65 to 200°C
Gate Current
10mA
Operating Junction Temperature
-65 to 200°C
Lead Temperature
(1/16 from case, 10 sec)
300°C
Power Dissipation
Derating
300mW
1.7mW/°C to TC ≥ 25°C
Min.
Max.
Min.
Max.
CD
0.178
0.195
4.52
4.95
CH
0.170
0.210
4.32
5.33
HD
0.209
0.230
5.31
5.84
L1
0.050
1.27
L2
0.250
6.35
LC
LD
0.016
0.021
0.41
0.53
LL
0.500
0.750
2.70
19.05
LU
0.016
0.019
0.41
0.48
Q
0.040
1.02
r
0.007
0.18
TL
0.028
0.048
0.71
1.22
TW
0.036
0.046
0.91
1.17
α
45° TP
Inches
mm
Dimensions
Ltr
0.100 TP
2.54 TP
CD
CH
Q
L1
L2
LU
LL
LD
SEATING
PLATE
HD
1
2
3
4
TW
TL
LC
LC
r
α
G
S
D
1
2
3
4
Case
TO-72 PACKAGE OUTLINE & PIN CONNECTIONS


Similar Part No. - 2N3821

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
Microsemi Corporation
2N3821 MICROSEMI-2N3821 Datasheet
54Kb / 2P
TECHNICAL DATA
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
92Kb / 1P
N - CHANNEL JFETS GENERAL - PURPOSE DEVICE TYPES
logo
Intersil Corporation
2N3821 INTERSIL-2N3821 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Microsemi Corporation
2N3821 MICROSEMI-2N3821 Datasheet
242Kb / 4P
N-CHANNEL J-FET DEPLETION MODE
More results

Similar Description - 2N3821

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
J105 VISHAY-J105 Datasheet
39Kb / 5P
N-Channel JFETs
04-Jun-01
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
N-Channel JFETs
04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
N-Channel JFETs
24-Jan-05
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
N-Channel JFETs
04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
N-Channel JFETs
24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
N-Channel JFETs
04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
N-Channel JFETs
04-Jun-01
logo
Solitron Devices Inc.
2N4856 SOLITRON-2N4856 Datasheet
172Kb / 2P
N-CHANNEL JFETS - 1
2N4859 SOLITRON-2N4859 Datasheet
172Kb / 2P
N-CHANNEL JFETS - 1
logo
Vishay Siliconix
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
N-Channel JFETs
28-Jun-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com