Electronic Components Datasheet Search
  English  ▼

X  

SDP117NHG Datasheet(PDF) 11 Page - Solitron Devices Inc.

Part # SDP117NHG
Description  MICROCIRCUIT, LINEAR, ADJUSTABLE VOLTAGE REGULATOR, MONOLITHIC SILICON
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.

SDP117NHG Datasheet(HTML) 11 Page - Solitron Devices Inc.

Back Button SDP117NHG Datasheet HTML 6Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 7Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 8Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 9Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 10Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 11Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 12Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 13Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 14Page - Solitron Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-99612
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
11
DSCC FORM 2234
APR 97
Case outlines N and Z.
Symbol
Millimeters
Inches
Min
Max
Min
Max
A
23.11
23.37
0.910
0.920
A1
10.41
10.67
0.410
0.420
A2
6.22
6.48
0.245
0.255
A3
3.05
3.30
0.120
0.130
øb
0.71
0.81
0.028
0.032
D
4.70
5.59
0.135
0.220
D1
2.92
3.18
0.115
0.125
D2
0.89
1.14
0.035
0.045
e
2.54 BSC
0.100 BSC
L
10.41
10.67
0.410
0.420
L1
12.70
19.05
0.500
0.750
L2
6.22
6.48
0.245
0.255
L3
3.05
3.30
0.120
0.130
øP
3.05
3.30
0.120
0.130
NOTE:
The U.S. government preferred system of measurement is the metric SI system. However, this item was originally
designed using inch-pound units of measurement. In the event of conflict between the metric and inch-pound units, the
inch-pound units shall take precedence.
FIGURE 1. Case outline(s) - Continued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com