Electronic Components Datasheet Search
  English  ▼

X  

OB2212AP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OB2212AP
Description  Primary-Side Regulation PWM Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OB2212AP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OB2212AP Datasheet HTML 1Page - List of Unclassifed Manufacturers OB2212AP Datasheet HTML 2Page - List of Unclassifed Manufacturers OB2212AP Datasheet HTML 3Page - List of Unclassifed Manufacturers OB2212AP Datasheet HTML 4Page - List of Unclassifed Manufacturers OB2212AP Datasheet HTML 5Page - List of Unclassifed Manufacturers OB2212AP Datasheet HTML 6Page - List of Unclassifed Manufacturers OB2212AP Datasheet HTML 7Page - List of Unclassifed Manufacturers OB2212AP Datasheet HTML 8Page - List of Unclassifed Manufacturers OB2212AP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©On-Bright Electronics
Confidential
- 2 -
OB_DOC_DS_1100
OB2211/OB2212
Primary-Side Regulation PWM Power Switch
GENERAL INFORMATION
Pin Configuration
The pin map is shown as below for SOP8 and DIP8.
Ordering Information
Part Number
Description
OB2211CP
SOP8, Pb-free, Tube
OB2211CPA
SOP8, Pb-free, T&R
OB2212AP
DIP8, Pb-free
Absolute Maximum Ratings
Parameter
Value
Drain Voltage (off state)
-0.3V to 650V
VDD Voltage
-0.3 to 33 V
VDDG Voltage
-0.3 to 33 V
VDD Zener Clamp Continuous
Current
10 mA
CS Input Voltage
-0.3 to 7V
INV Input Voltage
-0.3 to 7V
Min/Max Operating Junction
Temperature TJ
-20 to 150 oC
Min/Max Storage Temperature
Tstg
-55 to 150 oC
Lead Temperature (Soldering,
10secs)
260 oC
Note: Stresses beyond those listed under “absolute maximum
ratings” may cause permanent damage to the device. These are
stress ratings only, functional operation of the device at these or
any other conditions beyond those indicated under “recommended
operating conditions” is not implied. Exposure to absolute
maximum-rated conditions for extended periods may affect device
reliability.
OB2211
X
X
X
Primary-Side Regulation PWM Power
Switch
Package
C:SOP8
Packing
Blank : Tube
A :
Taping
Package Pb-free
P :
Lead Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com