Electronic Components Datasheet Search
  English  ▼

X  

3L583M Datasheet(PDF) 4 Page - MotionKing Motor Industry Co.,Ltd.

Part # 3L583M
Description  Extremely Low Noise 3-phase Microstepping Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

3L583M Datasheet(HTML) 4 Page - MotionKing Motor Industry Co.,Ltd.

  3L583M Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. 3L583M Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd. 3L583M Datasheet HTML 3Page - MotionKing Motor Industry Co.,Ltd. 3L583M Datasheet HTML 4Page - MotionKing Motor Industry Co.,Ltd. 3L583M Datasheet HTML 5Page - MotionKing Motor Industry Co.,Ltd. 3L583M Datasheet HTML 6Page - MotionKing Motor Industry Co.,Ltd. 3L583M Datasheet HTML 7Page - MotionKing Motor Industry Co.,Ltd. 3L583M Datasheet HTML 8Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MotionKing (China) Motor Industry Co., Ltd.
3
Web Site: www.MotionKing.com
3. Pin Assignment and Description
The 3L583M has two connectors, connector P1 for control signals connections, and connector P2
for power and motor connections. The following tables are brief descriptions of the two connectors.
More detailed descriptions of the pins and related issues are presented in section 4, 5, 9.
Connector P1 Configurations
Pin Function
Details
PUL+(+5V)
PUL-(PUL)
Pulse signal: In single pulse (pulse/direction) mode, this input represents
pulse signal, effective for each rising edge or falling edge (set by inside
jumper J1); 4-5V when PUL-HIGH, 0-0.5V when PUL-LOW. In double
pulse mode (pulse/pulse) this input represents clockwise (CW) pulse. For
reliable response, pulse width should be longer than 1.5μs. Series connect
resistors for current-limiting when +12V or +24V used.
DIR+(+5V)
DIR-(DIR)
DIR signal: In single-pulse mode, this signal has low/high voltage levels,
representing two directions of motor rotation; in double-pulse mode (set by
inside J1), this signal is counter-clock (CCW) pulse, effective for low level.
For reliable motion response, DIR signal should be ahead of PUL signal by
5μs at least. 4-5V when DIR-HIGH, 0-0.5V when DIR-LOW.
ENA+(+5V)
ENA-(ENA)
Enable signal: This signal is used for enabling/disabling the driver. High
level (NPN control signal, PNP and Differential control signals are on the
contrary, namely Low level for enabling.) for enabling the driver and low
level for disabling the driver. Usually left UNCONNECTED (ENABLED).
Notes: PUL/DIR mode is the default mode, and under-cover jumper J1 can be used to switch it to
CW/CCW mode.
Selecting CW/CCW or PUL/DIR Mode
There is a jumper J1 (including pin 1 to pin 9) inside the 3L583M specifically for selecting pulse
signal mode. Settings for the one-pulse mode (PUL/DIR) and for the double-pulse mode
(CW/CCW) are shown in the following figure. Default mode out of factory is PUL/DIR mode and
effective at rising edge.
(a) PUL/DIR mode and effective at rising edge
(b) PUL/DIR mode and effective at falling edge
MotionKing (China) Motor Industry Co., Ltd.
4
Web Site: www.MotionKing.com
(c) CW/CCW mode and effective when the
(d) CW/CCW mode and effective when the
opto-coupler of the fixed level in conducting state
opto-coupler of the fixed level in off state
Figure 2: Control signal mode setting jumper
Notes: For (c), the user should move R137 (a 0Ω resistor) to R136 besides setting J1, and let R137 NC (open circuit).
Connector P2 Configurations
Pin Function
Details
GND
DC power ground
VDC
DC power supply, +20VDC-+50VDC, Including voltage fluctuation and
EMF voltage.
U
Motor phase U
V
Motor phase V
W
Motor phase W
Remark: Please note that motion direction is also related to motor-driver wiring matches.
Exchanging the connections of two phases to the driver will reverse motor motion direction.
4. Connections to Controller
The 3L583M can accept differential and single-ended control signals (including open-collector,
namely common-anode and PNP output, namely common-cathode). The 3L583M has 3 optically
isolated logic inputs which are located on connector P1 to accept line driver control signals. These
inputs are isolated to minimize or eliminate electrical noises coupled onto the control signals. It’s
recommended to use line driver control signals to increase noise immunity of the driver under an
interference environment. Connections to open-collector and PNP signals are illustrated in the
figure 3 and the figure 4.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com