Electronic Components Datasheet Search
  English  ▼

X  

2SC2078 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC2078
Description  27MHz RF Power Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC2078 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC2078 Datasheet HTML 1Page - Sanyo Semicon Device 2SC2078 Datasheet HTML 2Page - Sanyo Semicon Device 2SC2078 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC2078
No.462–2/4
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
)
R
B
(
IC
I
,
A
µ
0
0
1
=
B 0
=0
8V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
R
E
C
)
R
B
(
IC
R
,
A
m
1
=
E
B
0
5
1
=
Ω
5
7V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
)
R
B
(
IE
I
,
A
µ
0
0
1
=
C 0
=5
V
]
t
i
u
c
r
i
c
t
s
e
t
d
e
i
f
i
c
e
p
s
t
A
[
r
e
w
o
P
t
u
p
t
u
OPO
V C
C
W
2
.
0
=
i
P
,
z
H
M
7
2
=
f
,
V
2
1
=
0
.
4W
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P
η
0
6%
27MHz Output Power Test Circuit



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com