Electronic Components Datasheet Search
  English  ▼

X  

AS15-HG Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # AS15-HG
Description  141 Channel Voltage Buffers for TFT LCD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

AS15-HG Datasheet(HTML) 3 Page - E-CMOS Corporation

  AS15-HG Datasheet HTML 1Page - E-CMOS Corporation AS15-HG Datasheet HTML 2Page - E-CMOS Corporation AS15-HG Datasheet HTML 3Page - E-CMOS Corporation AS15-HG Datasheet HTML 4Page - E-CMOS Corporation AS15-HG Datasheet HTML 5Page - E-CMOS Corporation AS15-HG Datasheet HTML 6Page - E-CMOS Corporation AS15-HG Datasheet HTML 7Page - E-CMOS Corporation AS15-HG Datasheet HTML 8Page - E-CMOS Corporation AS15-HG Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EC5575
14+1 Channel Voltage Buffers for TFT LCD
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 12
2007/09/12
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Values beyond absolute maximum ratings may cause permanent damage to the
device. These are stress ratings only; functional device operation is not implied.
Exposure to AMR conditions for extended periods may affect device reliability.
Supply Voltage between VS+ and VS-
Input Voltage (For rail-to-rail )
VS--0.5V,
Maximum Continuous Output Current (A ~ N uffers)
Maximum Continuous Output Current(Com Buffer)
Maximum Die Temperature
+18V
VS ++0.5V
30mA
100mA
+150°C
Storage Temperature
Operating Temperature
Lead Temperature
ESD Voltage
-65°C to +150°C
-20°C to +85°C
260°C
2kV
Important Note:
All parameters having Min/Max specifications are guaranteed. Typical values are for information
purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests,
therefore: TJ = TC = TA
ELECTRICAL CHARACTERISTICS
VS+= +5V, VS - = -5V, RL = 10kΩ and CL = 10pF to 0V, TA = 25°C unless otherwise specified.
Parameter
Description
Condition
Min
Typ
Max
Units
Input Characteristics
VOS
Input Offset Voltage
VCM= 0V
2
12
mV
TCVOS
Average Offset Voltage Drift
[1]
5
µV/°C
IB
Input Bias Current
VCM= 0V
2
50
nA
RIN
Input Impedance
1
G 
CIN
Input Capacitance
1.35
pF
Output Characteristics
VOL
Output Swing Low
IL= -5mA (A, B, M, N rail-to-rail Buffers)
-4.92
-4.85
V
VOH
Output Swing High
IL= 5mA (A, B, M, N rail-to-rail Buffers) 4.85
4.92
V
VOL
Output Swing Low
IL= -5mA (C ~ L Buffers)
-3.5
V
VOH
Output Swing High
IL= 5mA (C ~ L Buffers)
3.5
V
ISC
Short Circuit Current
(A ~ N Buffers)
±120
mA
IOUT
Output Current
(A ~ N Buffers)
±30
mA
ISC(Com)
Short Circuit Current
(Com Buffer)
±300
mA
IOUT(Com)
Output Current
(Com Buffer)
±100
mA
Power Supply Performance
PSRR
Power Supply Rejection Ratio VS is moved from ±3.25V to ±7.75V
60
80
dB
IS
Supply Current (Per Amplifier) No Load (A ~ N Buffers)
500
750
µA
IS(Com)
Supply Current
(Com Buffer)
5
mA
Dynamic Performance
SR
Slew Rate [2]
-4.0V≦VOUT≦4.0V, 20% to 80%
1
V/µs
tS
Settling to +0.1% (AV = +1) (AV = +1), VO=2V Step
5
µs
BW
-3dB Bandwidth
RL = 10KΩ, CL = 10PF
2
MHz
PM
Phase Margin
RL = 10KΩ, CL = 10PF
60
Degrees
CS
Channel Separation
f = 1 MHz
75
dB
1. Measured over operating temperature range
2. Slew rate is measured on rising and falling edges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com