Electronic Components Datasheet Search
  English  ▼

X  

VL53L1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # VL53L1
Description  A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VL53L1 Datasheet HTML 6Page - STMicroelectronics VL53L1 Datasheet HTML 7Page - STMicroelectronics VL53L1 Datasheet HTML 8Page - STMicroelectronics VL53L1 Datasheet HTML 9Page - STMicroelectronics VL53L1 Datasheet HTML 10Page - STMicroelectronics VL53L1 Datasheet HTML 11Page - STMicroelectronics VL53L1 Datasheet HTML 12Page - STMicroelectronics VL53L1 Datasheet HTML 13Page - STMicroelectronics VL53L1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Functional description
VL53L1X
10/35
DocID031281 Rev 3
2.5
Key parameters
2.5.1
Distance mode
The VL53L1X has three distance modes (DM): short, medium, and long.
Long distance mode allows the longest possible ranging distance of 4 m to be reached.
However, this maximum ranging distance is impacted by ambient light.
Short distance mode is more immune to ambient light, but its maximum ranging distance is
typically limited to 1.3 m.
Test conditions: timing budget = 100 ms, white target 88 %, dark = no IR ambient,
ambient light = 200 kcps/SPAD.
Table 4. Maximum distance vs. Distance mode under ambient light
Distance
mode
Max. distance in
dark (cm)
Max. distance under strong
ambient light (cm)
Short
136
135
Medium
290
76
Long
360
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com