Electronic Components Datasheet Search
  English  ▼

X  

MD1332F Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # MD1332F
Description  High-Efficiency Step Down DC-DC Converter Power Integrated Circuit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MD1332F Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  MD1332F Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MD1332F Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-800-634-3654
2.5V-12V Output MD1322F
ABSOLUTE MAXIMUM RATINGS
(Ta=25°C)
Line voltage
Output MOS input voltage
Output current (AVE)
Output Current (PEAK)
OCL-,OCL+terminal voltage
Storage temperature
Junction temperature
VIN
VDD
IOUTave
IOUTpeak
VOCL
Tstg
Tj
32
32
3
4
5.5
-40 ~ 150
150
V
V
A
A
V
°C
°C
ELECTRICAL CHARACTERISTICS
(Ta=25°C)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
High side MOS
D - S voltage
High side MOS
Drain interruption current
High side MOS
Drain-source ON resistance
High side MOS
Source-drain Di forward voltage
Low side SBD
Peak reverse voltage
Low side SBD
Forward voltage
Low side SBD
Reverse current
Start
voltage
Stop
voltage
Stop-start
voltage hysteresis
Current consumption
BOOT terminal voltage
Internal reference voltage
Initial oscillation
frequency
Overcurrent threshold voltage
Softstart
terminal current
Error amplifier reference voltage
Overcurrent protection
operating temperature
Vdss
Idss
Ron
VSD
VRM
VF
IR
Vcc_start
Vcc_stop
Vcc_hys
Icc
Vboot
Vref
fosc
Vth_OCL
IS/S
Vamp
T_TSD
32
-
-
-
40
-
-
6.5
6.0
-
-
5.4
4.75
212.5
0.162
-20
2.4
-
-
-
140
-
-
-
-
7.2
6.7
0.5
8
6.5
5
250
0.19
-12.5
2.45
150
-
10
250
1.5
-
0.55
2
7.9
7.4
-
10
7.6
5.25
287.5
0.218
-5
2.5
-
V
uA
m
Ω
V
V
V
mA
V
V
V
mA
V
V
kHz
V
uA
V
°C
ID=1mA, VGS=0V
VDS=30V, VGS=0V
ID=1.2A, VGS=4V
IS=1.2A, VDS=0V
-
IF=1.2A
VR=VRM
-
-
-
Vcc=8V ~ 30V
Vcc=8V ~ 30V
Vcc=8V ~ 30V
Vcc=24V
Vcc=24V
Vcc=24V
Vcc=8V ~30V
-
Parameter
Symbol
Rating
Units
RECOMMENDED OPERATION CONDITIONS
Parameter
Recommendation
Units
Input voltage
Output voltage setting range
Operation temperature
8 ~ 30
2.5 ~ 12
-10 ~ 80
V
V
°C
OUTPUT CURRENT DERATING FOR 5.3V OR
HIGHER OUTPUT
Output setting voltage
Output current
2.5V ~5.3V
6V
8V
12V
3A
2.5V
2A
1.5A
<
=
<
=
<
=



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com