Electronic Components Datasheet Search
  English  ▼

X  

PA102FDG Datasheet(PDF) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PA102FDG
Description  P-Channel Logic Level Enhancement
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PA102FDG Datasheet(HTML) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

  PA102FDG Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PA102FDG Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PA102FDG Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PA102FDG Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PA102FDG Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P-Channel Logic Level Enhancement
Mode Field Effect Transistor
PA102FDG
TO-252
Lead-Free
NIKO-SEM
1
NOV-05-2004
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMITS
UNITS
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±12
V
TC = 25 °C
-10
Continuous Drain Current
TC = 70 °C
ID
-6.2
Pulsed Drain Current
1
IDM
-24
A
TC = 25 °C
25
Power Dissipation
TC = 70 °C
PD
9.6
W
Operating Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
°C
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNITS
Junction-to-Case
RθJC
5
Junction-to-Ambient
RθJA
110
°C / W
1Pulse width limited by maximum junction temperature.
2Duty cycle
≤ 1%
ELECTRICAL CHARACTERISTICS (TC = 25 °C, Unless Otherwise Noted)
LIMITS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = -250µA
-20
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -250µA
-0.45 -0.8
-1.2
V
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±12V
±100
nA
VDS = -16V, VGS = 0V
-1
Zero Gate Voltage Drain Current
IDSS
VDS = -13.2V, VGS = 0V, TJ = 125 °C
-10
µA
On-State Drain Current
1
ID(ON)
VDS = -5V, VGS = -4.5V
-24
A
VGS = -2.5V, ID =-2A
124
180
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = -4.5V, ID = -3A
93
115
mΩ
Forward Transconductance
1
gfs
VDS = -5V, ID = -3A
4.4
S
1 :GATE
2 :DRAIN
3 :SOURCE
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
-20
115mΩ
-10A
G
S
D


Similar Part No. - PA102FDG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA102FDG ETC1-PA102FDG Datasheet
547Kb / 5P
P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
PA102FDG VBSEMI-PA102FDG Datasheet
1,014Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - PA102FDG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P9006EDG ETC2-P9006EDG Datasheet
289Kb / 5P
P-Channel Logic Level Enhancement
P8006EDG ETC2-P8006EDG Datasheet
288Kb / 5P
P-Channel Logic Level Enhancement
logo
Cystech Electonics Corp...
MTC1016S6R CYSTEKEC-MTC1016S6R Datasheet
363Kb / 12P
P-Channel Logic Level Enhancement Mode MOSFET
MTC2402Q8 CYSTEKEC-MTC2402Q8 Datasheet
382Kb / 13P
P-Channel Logic Level Enhancement Mode MOSFET
logo
Infineon Technologies A...
IPB120P04P4L-03 INFINEON-IPB120P04P4L-03_15 Datasheet
254Kb / 9P
P-channel - Logic Level - Enhancement mode
Rev. 1.1 2015-05-27
logo
Wuxi U-NIKC Semiconduct...
P1203EEA UNIKC-P1203EEA Datasheet
910Kb / 9P
P-Channel Logic Level Enhancement Mode MOSFET
PE5A1BA UNIKC-PE5A1BA Datasheet
886Kb / 9P
P-Channel Logic Level Enhancement Mode MOSFET
PE5B7BA UNIKC-PE5B7BA Datasheet
906Kb / 9P
P-Channel Logic Level Enhancement Mode MOSFET
PE537BA UNIKC-PE537BA Datasheet
536Kb / 5P
P-Channel Logic Level Enhancement Mode MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
P06P03LCG NIKOSEM-P06P03LCG Datasheet
321Kb / 5P
P-Channel Logic Level Enhancement
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com