Electronic Components Datasheet Search
  English  ▼

X  

GL5528 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GL5528
Description  Photoresistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GL5528 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GL5528 Datasheet HTML 1Page - List of Unclassifed Manufacturers GL5528 Datasheet HTML 2Page - List of Unclassifed Manufacturers GL5528 Datasheet HTML 3Page - List of Unclassifed Manufacturers GL5528 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL5528 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GL55 Series
CdS Photoresistor Manual
________________________________________________________________________________________________________
Page 2 of 5
Response time
(ms)
Specification
Light
resistance
(10Lux)
(KΩ)
Dark
resistance
(MΩ)
Increase
Decrease
Illuminance
resistance
Fig. No.
5-10
0.5
0.5
30
30
2
10-20
1
0.6
20
30
3
20-30
2
0.6
20
30
4
30-50
3
0.7
20
30
4
50-100
5
0.8
20
30
5
Φ
5
series
100-200
10
0.9
20
30
6
Test Conditions
Max. external voltage:
Maximum voltage to be continuously given to component in the dark.
Dark resistance:
Refer to the resistance ten seconds after the 10Lux light is shut up.
Max. power consumption:
Maximum power at the environmental temperature 25℃.
Light resistance:
Irradiated by 400-600Lux light for two hours, then test with 10Lux under
standard light source A(as colour temperature 2856K).
γvalue:
Logarithm of the ratio of the standard resistance value under 10Lux and that under
100Lux.
γ=
=Lg(R10/R100)
R10,R100 are the resistances under 10Lux and 100Lux respectively.
Lg(R10/R100)
Lg(100/10)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com