Electronic Components Datasheet Search
  English  ▼

X  

RT7202K Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7202K
Description  Highly Integrated USB PD Type-C Controller for SMPS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7202K Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7202K Datasheet HTML 1Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RT7202K
®
DS7202K-02 December 2018
www.richtek.com
1
©
Copyright 2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Applications
USB PD Type-C Chargers/Adapters for Smart Phones,
NBs, Tablets and All Other Electronics
USB PD Extension Cores with Offline AC-DC Converters
Highly Integrated USB PD Type-C Controller for SMPS
Features
Protocols Supported

USB PD 2.0 and 3.0 (PPS)

Other Proprietary Protocols
Highly Integrated

Embedded MCU with an Mask-ROM of 24kB, an
OTP-ROM of 8kB, and an SRAM of 2kB

Embedded BMC Transceiver

Wide VDD Operation Range : 3V to 22V

Built-in Shut Regulator for Constant-Voltage
and Constant-Current Regulation

Built-in 10-bit Analog-to-Digital Converter (ADC)

Programmable Cable Compensation

BLD Pin for Quick Discharge of Output Capacitor
(RT7202KD)

VDD Pin for Quick Discharge of Output Capacitor
(RT7202KE/KF)

USBP Pin for Direct Drive of External Blocking
N-MOSFET

Power-Saving Mode in Standby Mode
Protection

Adaptive Over-Voltage Protection

Adaptive Under-Voltage Protection

Firmware-Programmable Over-Current Protection
General Description
The RT7202K is a simple and yet flexible for multipurpose
of USB PD controller. By programming, it could operate
as a source or a sink.
When used as a source, it could be used in an off-line
AC-DC converter, as it integrates shun regulator, constant
voltage (CV) and constant current (CC) control loop with
programmable reference voltage to meet the specification
of Programmable Power Supply (PPS) specification. When
combined with external buck or buck boost controller, it
could constitute a DCDC converter, such as a car charger
, and could also meet the PPS specification. When used
as a sink, it is simple, low cost, yet flexible to use to
request required power from a source. If using the
RT7202KD for a sink design, it has I2C interface and two
GPIOs for flexible use and could be easily controlled by
other MCU which plays a master role.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT7202K
Package Type
QW : WQFN-16L 4x4 (W-Type)
(RT7202KD)
S : SOP-10 (RT7202KE/KF)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT7202K Version
(Refer to Version Table)
-
Programmed Firmware Code AABBX
AA : Application Code
BB : Model Code
X : Customer Approved Version Code
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.


Similar Part No. - RT7202K

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RT72019PN AMPHENOL-RT72019PN Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019PW AMPHENOL-RT72019PW Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019PX AMPHENOL-RT72019PX Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019SN AMPHENOL-RT72019SN Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019SW AMPHENOL-RT72019SW Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
More results

Similar Description - RT7202K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65987D TI1-TPS65987D Datasheet
1Mb / 68P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987D TI1-TPS65987D_18 Datasheet
2Mb / 73P
USB Type-C and USB PD Controller with Integrated Power Switches
logo
NXP Semiconductors
TEA19031AT NXP-TEA19031AT Datasheet
336Kb / 37P
USB-PD controller for SMPS
Rev. 2-1 December 2017
TEA19032BT NXP-TEA19032BT Datasheet
335Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 4 controller for SMPS
Rev. 1-9 February 2018
logo
Richtek Technology Corp...
RT7207KB RICHTEK-RT7207KB Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
logo
Texas Instruments
TPS65987DDJ TI1-TPS65987DDJ Datasheet
2Mb / 72P
USB Type-C and USB PD Controller with Integrated Power Switches
logo
ON Semiconductor
FAN6390MPX ONSEMI-FAN6390MPX Datasheet
635Kb / 25P
Highly Integrated Secondary-Side Adaptive USB Type-C Charging Controller with USB-PD with SR Embedded
November, 2019 ??Rev. 1
logo
NXP Semiconductors
TEA19032CT NXP-TEA19032CT Datasheet
336Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 4 controller for SMPS
Rev. 1 ??15 March 2019
logo
Richtek Technology Corp...
RT1716 RICHTEK-RT1716 Datasheet
477Kb / 37P
Programmable USB Type-C PD Controller
March 2020
RT7207 RICHTEK-RT7207 Datasheet
395Kb / 25P
USB PD Type-C Controller for SMPS
January 2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com