Electronic Components Datasheet Search
  English  ▼

X  

IP2161 Datasheet(PDF) 1 Page - Injoinic Technology Co.,Ltd.

Part # IP2161
Description  Integrated 7 protocols for fast charging protocol ICs for USB ports
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2161 Datasheet(HTML) 1 Page - Injoinic Technology Co.,Ltd.

  IP2161 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP2161 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP2161 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP2161 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP2161 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP2161 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP2161 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP2161 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP2161 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IP2161
V1.03
http://www.injoinic.com/
1 / 9
Copyright © 2017, Injoinic Corp.
集成 7 种协议、用于 USB 端口的快充协议 IC
QC3.0/QC2.0, FCP, AFC, SFCP, Apple® 2.4A, BC1.2
1. 特性
支持 7 种 USB 端口充电协议
支持多种充电协议控制(QC3.0/QC2.0,FCP,
AFC,SFCP 以及 Apple 2.4A,BC1.2 和三
星 2.0A)
支持自动选择快充协议或 DCP 充电协议
支持 QC3.0/QC2.0 Class A 充电协议
高通证书编号:478786303-2
支持 QC3.0 Class A: 3.6V~12 V (0.2V/step)
支持 QC2.0 Class A: 5 V, 9 V 和 12 V
支持华为 FCP 快充 5V 和 9V 电压配置
支持三星 AFC 快充 5V 和 9V 电压配置
支持展讯 SFCP 快充 5V,9V 和 12V 电压配置
支持 Apple 2.4A:DP = 2.7V, DM = 2.7V
支持三星 2.0A:DP = 1.2V, DM =1.2V
支持 BC1.2:DP 与 DM 短接
SEL 可配置快充协议请求的最高电压为 12V 或
9V 或 5V
自动检测 DP,DM 上电压对应的快充请求,通
过调节 FB 精确控制输出电压
低静态功耗 I
Q = 66uA(Typ.)
工作电压范围:3V~5.5V
Package:
SOT23-6
2. 应用
USB 功率输出接口、移动电源、车载充电器
智慧手机、平板电脑、网络笔记本、数字相机、
蓝牙配件所用的电池充电器
3. 简介
IP2161 是一款集成 7 种、用于 USB 输出端口
的快充协议 IC,支持 7 种快充协议,包括 HVDCP
QC3.0/QC2.0 ( Quick Charge ) Class A , FCP
( Hisilicon® Fast Charge Protocol ), AFC
( Samsung® Adaptive Fast Charge ), SFCP
(Spreadtrum® Fast Charge Protocol),Apple 2.4A,
BC1.2 以及三星 2.0A。
IP2161 支持自动检测设备类型和充电协议切换,
自动响应快充协议请求。
IP2161 集成 FB 控制接口,可通过调节 FB
SOURCE/SINK 的电流(最小 2uA/step)来精确控
制输出电压。


Similar Part No. - IP2161

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP2161 INJOINIC-IP2161 Datasheet
1,002Kb / 11P
Integrated 9 protocols for fast charging protocol ICs for USB ports
IP2161 INJOINIC-IP2161 Datasheet
976Kb / 10P
Integrated 8 protocols for fast charging protocol ICs for USB ports
IP2161 INJOINIC-IP2161 Datasheet
897Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
IP2161 INJOINIC-IP2161 Datasheet
905Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
IP2161 INJOINIC-IP2161 Datasheet
673Kb / 7P
TYPEC/PD2.0/PD3.0 Physical Layer IC for USB TYPEC input Interfaces
2017
More results

Similar Description - IP2161

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP2163 INJOINIC-IP2163 Datasheet
1,002Kb / 11P
Integrated 9 protocols for fast charging protocol ICs for USB ports
IP2701 INJOINIC-IP2701 Datasheet
976Kb / 10P
Integrated 8 protocols for fast charging protocol ICs for USB ports
IP2703 INJOINIC-IP2703 Datasheet
897Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
IP2705 INJOINIC-IP2705 Datasheet
905Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
logo
Fitipower Integrated Te...
FP6600Q FITIPOWER-FP6600Q Datasheet
401Kb / 8P
USB Dedicated Charging Port Controller for Fast Charging Protocol and QC 2.0/3.0
FP6601Q FITIPOWER-FP6601Q Datasheet
491Kb / 8P
USB Dedicated Charging Port Controller for Fast Charging Protocol and QC 2.0/3.0
logo
SHOUDING Shouding Semic...
SFT430C SHOUDING-SFT430C Datasheet
1Mb / 6P
USB Dedicated Charging Port Controller for Fast Charging Protocol and QC 2.0/3.0
logo
Shenzhen Huazhimei Semi...
HM6601Q HMSEMI-HM6601Q Datasheet
301Kb / 9P
USB Charging Port Controller for Fast Charging Protocol
HM1596A HMSEMI-HM1596A Datasheet
1,008Kb / 14P
18W PD output, integrated multiple fast charging output protocols
HM7901 HMSEMI-HM7901 Datasheet
859Kb / 8P
USB charging protocol port controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com