Electronic Components Datasheet Search
  English  ▼

X  

IP2701 Datasheet(PDF) 3 Page - Injoinic Technology Co.,Ltd.

Part # IP2701
Description  Integrated 8 protocols for fast charging protocol ICs for USB ports
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2701 Datasheet(HTML) 3 Page - Injoinic Technology Co.,Ltd.

  IP2701 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP2701 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP2701 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP2701 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP2701 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP2701 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP2701 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP2701 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP2701 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IP2701
V1.04
http://www.injoinic.com/
3 / 9
Copyright © 2017, Injoinic Corp.
FB
2
连接到外部电源的反馈引脚,可以 SINK/SOURCE 电流来调节电压
CC1
3
连接 USB Type-C 的 CC1 引脚
CC2
4
连接 USB Type-C 的 CC2 引脚
DP
5
连接 USB DP 引脚
DM
6
连接 USB DM 引脚
SEL
7
允许请求的最大电压选择
高电平:5V
浮空:12V
GND:20V
VCC
8
电源输入引脚,加 1uF 电容到地,前级电源芯片输出 VOUT 到 VCC 之
间需串联 2kOhm 电阻
6. IP 系列型号选择表
移动电源 IC
IC
型号
充放电
主要特点
封装
放电
充电
LED
灯数
照明灯
按键
I2C
DCP
Type-C
QC 认证
规格
兼容
IP5303
1.0A
1.2A
1,2
√
√
-
-
-
-
eSOP8
IP5305
1.0A
1.2A
1,2,3,4
√
√
-
-
-
-
eSOP8
IP5306
2.4A
2.1A
1,2,3,4
√
√
-
-
-
-
eSOP8
IP5206
2A(Max)
1.5A
3,4,5
√
√
-
-
-
-
eSOP16
IP5108E
2.0A
1.0A
3,4,5
√
√
-
-
-
-
eSOP16
IP5108
2.0A
2.0A
3,4,5
√
√
√
-
-
-
eSOP16
IP5207
1.2A
1.2A
3,4,5
√
√
-
-
-
-
QFN24
IP5207T
1.2A
1.2A
1,2,3,4
√
√
√
√
-
-
QFN24
IP5109
2.1A
2.1A
3,4,5
√
√
√
-
-
-
QFN24
IP5209
2.4A
2.1A
3,4,5
√
√
√
√
-
-
QFN24
IP5219
2.4A
2.1A
1,2,3,4
√
√
√
√
√
-
QFN24
IP5310
3.1A
3.0A
1,2,3,4
√
√
√
√
√
-
QFN32
IP5312
15W
3.6A
2,3,4,5
√
√
√
√
-
-
QFN32
IP5318Q
18W
4.0A
2,3,4,5
√
√
√
√
-
√
QFN40
IP5318
18W
4.0A
2,3,4,5
√
√
√
√
√
√
QFN40
IP5322
18W
4.0A
1,2,3,4
√
√
√
√
-
√
QFN32
IP5328
18W
4.0A
1,2,3,4
√
√
√
√
√
√
QFN40



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com