Electronic Components Datasheet Search
  English  ▼

X  

IP6809 Datasheet(PDF) 17 Page - Injoinic Technology Co.,Ltd.

Part # IP6809
Description  7.5W/10W/15W multi-coil wireless charging transmitter controller compatible with WPC v1.2 .4 protocol
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP6809 Datasheet(HTML) 17 Page - Injoinic Technology Co.,Ltd.

Back Button IP6809 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP6809 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP6809 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP6809 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP6809 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP6809 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP6809 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP6809 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP6809 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
IP6809
V1.0
Email: service@injoinic.com
17 / 24
Copyright © 2018, Injoinic Corp.
BOM 表
Item
Qty
Reference
Part Name
Description
1
1 U1
IP6809
IP6809_QFN40
2
1 U2
LM321 or BL321
普通运放
3
2 U3-4
VS5814DS
NMOS
4
4 Q1-4
NMOS,RU207C
全桥 NMOS
5
2 Q5-6
PMOS,BSS84
PMOS
6
1 Q7
NPN,3904
NPN
7
2 D01,D08
LED,GREEN
LED
8
2 D02,D07
LED,RED
LED
9
4 D03-06
DIODE,IN5819
肖特基二极管
10
1 R01
1210R,0.01R,(1%精度)
贴片电阻
11
1 R00
1210R,0.02R,(1%精度)
贴片电阻
12
1 R04
R0603,100R,(5%精度)
贴片电阻
13
2 R11,R14
R0603,100k,(5%精度)
贴片电阻
14
8
R07,R15-16
R18-21,R23
R0603,10k,(5%精度)
贴片电阻
15
1 R08
R0603,10k NTC
NTC
16
4 R06,R10,R17,R31
R0603,1k,(5%精度)
贴片电阻
17
1 R22
R0603,20R,(5%精度)
贴片电阻
18
6
R02-03,R26-27,
R29-30
R0603,2R,(5%精度)
贴片电阻
19
2 R05,R28
R0603,330R,(5%精度)
贴片电阻
20
1 R13
R0603,33k,(5%精度)
贴片电阻
21
2 R09,R12
R0603,3k3,(5%精度)
贴片电阻
22
2 R24-25
R0603,NC/2R,(5%精度)
贴片电阻,用于吸收 EMI
23
4 C15-18
C1210,100nF,
(5%精度,100V 耐压)
NPO 或 CBB 电容,电容值根据实际方
案确定
24
4 C20-23
C1210,15nF,(16V,±20%)
贴片电容
25
2 C19,C26
C1210,1nF,(50V,±20%)
贴片电容
26
1 C5
C1210,2.2nF,(16V, ±20%)
贴片电容
27
1 C25
C1210,2nF,(100V,±20%)
贴片电容
28
6
C7, C13-14,
C24,C38-39
C1210,47nF,(C13-14,C38-C39
,50V,±20%, other,16V,±
20%)
贴片电容
29
2 C30-31
C1210,NC/2nF, (100V,±20%)
贴片电容,用于吸收 EMI
30
5 C1,C4,C6,C8-9
CAP_01,1uF,(C1,50V,±20%,
Other 16V,±20%)
贴片电容
31
2 C3,C12
CAP_01,22uF,(50V,±20%)
贴片电容
32
1 C10
CAP_01,47nF,(16V,±20%)
贴片电容
33
2 C2,11
CAP_01, NC/10uF,
贴片电容



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com