Electronic Components Datasheet Search
  English  ▼

X  

SRD09VDCSLC Datasheet(PDF) 2 Page - Ningbo songle relay co.,ltd

Part # SRD09VDCSLC
Description  RELAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONGLERELAY [Ningbo songle relay co.,ltd]
Direct Link  http://www.songlerelay.com/?l=en
Logo SONGLERELAY - Ningbo songle relay co.,ltd

SRD09VDCSLC Datasheet(HTML) 2 Page - Ningbo songle relay co.,ltd

  SRD09VDCSLC Datasheet HTML 1Page - Ningbo songle relay co.,ltd SRD09VDCSLC Datasheet HTML 2Page - Ningbo songle relay co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
6. COIL DATA CHART (AT20 C)
Coil
Sensitivity
Coil
Voltage
Code
Nominal
Voltage
(VDC)
Nominal
Current
(mA)
Coil
Resistance
(
Ω) ±10%
Power
Consumption
(W)
Pull-In
Voltage
(VDC)
Drop-Out
Voltage
(VDC)
Max-Allowable
Voltage
(VDC)
03
03
120
25
05
05
71.4
70
06
06
60
100
09
09
40
225
12
12
30
400
24
24
15
1600
SRD
(High
Sensitivity)
48
48
7.5
6400
abt. 0.36W
75%Max. 10% Min.
120%
03
03
150
20
05
05
89.3
55
06
06
75
80
09
09
50
180
12
12
37.5
320
24
24
18.7
1280
abt. 0.45W
SRD
(Standard)
48
48
10
4500
abt. 0.51W
75% Max. 10% Min.
110%
7. CONTACT RATING
SRD
Type
Item
FORM C
FORM A
Contact Capacity
Resistive Load (cos
Φ=1)
7A 28VDC
10A 125VAC
7A 240VAC
10A 28VDC
10A 240VAC
Inductive Load
(cos
Φ=0.4 L/R=7msec)
3A 120VAC
3A 28VDC
5A 120VAC
5A 28VDC
Max. Allowable Voltage
250VAC/110VDC
250VAC/110VDC
Max. Allowable Power Force
800VAC/240W
1200VA/300W
Contact Material
AgCdO
AgCdO
8. PERFORMANCE (at initial value)
Type
Item
SRD
Contact Resistance
100m
Ω Max.
Operation Time
10msec Max.
Release Time
5msec Max.
Dielectric Strength
Between coil & contact
Between contacts
1500VAC 50/60HZ (1 minute)
1000VAC 50/60HZ (1 minute)
Insulation Resistance
100 M
Ω Min. (500VDC)
Max. ON/OFF Switching
Mechanically
Electrically
300 operation/min
30 operation/min
Ambient Temperature
-25
°C to +70°C
Operating Humidity
45 to 85% RH
Vibration
Endurance
Error Operation
10 to 55Hz Double Amplitude 1.5mm
10 to 55Hz Double Amplitude 1.5mm
Shock
Endurance
Error Operation
100G Min.
10G Min.
Life Expectancy
Mechanically
Electrically
107 operations. Min. (no load)
105 operations. Min. (at rated coil voltage)
Weight
abt. 10grs.
9.REFERENCE DATA
Coil Temperature Rise
0.1
0.3
0.5
0.7
0.0
0.2
0.4
0.6
0.8
5
15
25
35
45
0
10
20
30
40
50
Coil Power (W)
Operation Time
0.1
0.3
0.5
0.7
0.0
0.2
0.4
0.6
0.8
2
6
10
0
4
8
12
Operation time
Release time
Coil Power (W)
Life Expectancy
AC120V/DC24V cosΦ=1
2
6
10
0
4
8
12
2
3
5
2
3
5
1
10
100
Current of Load (A)
Life Expectancy
1
3
5
7
0
2
4
6
8
2
3
5
2
3
5
1
10
100
AC : 120V TV-5
Current of Load (A)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com