Electronic Components Datasheet Search
  English  ▼

X  

17HS4401 Datasheet(PDF) 4 Page - MotionKing Motor Industry Co.,Ltd.

Part # 17HS4401
Description  2Phase Hybrid Stepper Motor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

17HS4401 Datasheet(HTML) 4 Page - MotionKing Motor Industry Co.,Ltd.

  17HS4401 Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. 17HS4401 Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd. 17HS4401 Datasheet HTML 3Page - MotionKing Motor Industry Co.,Ltd. 17HS4401 Datasheet HTML 4Page - MotionKing Motor Industry Co.,Ltd. 17HS4401 Datasheet HTML 5Page - MotionKing Motor Industry Co.,Ltd. 17HS4401 Datasheet HTML 6Page - MotionKing Motor Industry Co.,Ltd. 17HS4401 Datasheet HTML 7Page - MotionKing Motor Industry Co.,Ltd. 17HS4401 Datasheet HTML 8Page - MotionKing Motor Industry Co.,Ltd. 17HS4401 Datasheet HTML 9Page - MotionKing Motor Industry Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
HB Stepper Motor Catalog
MotionKing (China) Motor Industry Co., Ltd.
www.MotionKing.com
MK1106, Rev.04
4
2 Phase Hybrid Stepper Motor
14HR series-Size 36mm(0.9 degree)
Wiring Diagram:
UNI-POLAR(6 LEADS)
BI-POLAR(4LEADS)
Electrical Specifications:
Series
Model
Step
Angle
(deg)
Motor
Length
(mm)
Rated
Current
(A)
Phase
Resistance
(ohm)
Phase
Inductance
(mH)
Holding
Torque
(N.cm Min)
Detent
Torque
(N.cm Max)
Rotor
Inertia
(g.cm²)
Lead
Wire
(No.)
Motor
Weight
(g)
14HR1403
0.9
15.2
0.3
16.8
8.5
3.6
0.3
7.3
4
60
14HR2445
0.9
19.7
0.45
15
8.2
8.8
0.3
19
4
110
*Note: We can manufacture products according to customer's requirements.
Dimensions: unit=mm
Motor Length:
Model
Length
14HR1XXX
15.2 mm
14HR2XXX
19.7 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com