Electronic Components Datasheet Search
  English  ▼

X  

BMF055 Datasheet(PDF) 19 Page - Bosch Sensortec GmbH

Part # BMF055
Description  Custom programmable 9-axis motion sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMF055 Datasheet(HTML) 19 Page - Bosch Sensortec GmbH

Back Button BMF055 Datasheet HTML 14Page - Bosch Sensortec GmbH BMF055 Datasheet HTML 15Page - Bosch Sensortec GmbH BMF055 Datasheet HTML 16Page - Bosch Sensortec GmbH BMF055 Datasheet HTML 17Page - Bosch Sensortec GmbH BMF055 Datasheet HTML 18Page - Bosch Sensortec GmbH BMF055 Datasheet HTML 19Page - Bosch Sensortec GmbH BMF055 Datasheet HTML 20Page - Bosch Sensortec GmbH BMF055 Datasheet HTML 21Page - Bosch Sensortec GmbH BMF055 Datasheet HTML 22Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
BMF055
Data sheet
Page 19
BST-BMF055-DS000-01 | R evision 0.1 | N ovem ber 2015
Bosch Sensortec
© Bosch Sensortec Gm bH reserves all rights even i n the event of i ndustrial property rights. We reserve all rights of disposal such as copying and passi ng on
to third parties. BOSCH and the symbol are registered tradem arks of Robert Bosch GmbH, Germany.
Note: Specifications within this document ar e subject to change without notice.
10.2 Landing pattern recommendation
Please refer to the Handling, mounting and soldering instructions document for BNO055.
10.3 Marking
Table 10-1: Marking of mass production parts
Labeling
Name
Symbol Remark
Pin 1 identifier
•
---
First Row
S
Internal use
Second Row
T
Internal use
Third Row
C
Numerical counter
10.4 Soldering Guidelines
The moisture sensitivity level of the BMF055 sensors corresponds to JEDEC Level 1, see
also
-
IPC/JEDEC J-STD-020C
"Joint Industry Standard: Moisture/Reflow Sensitivity
Classification for non-hermetic Solid State Surface Mount Devices"
-
IPC/JEDEC J-STD-033A "Joint Industry Standard: Handling, Packing, Shipping and Use
of Moisture/Reflow Sensitive Surface Mount Devices"
The sensor fulfils the lead-free soldering requirements of the above-mentioned IPC/JEDEC
standard, i.e. reflow soldering with a peak temperature up to 260°C.
10.5 Handling instructions
Micromechanical sensors are designed to sense acceleration with high accuracy even at low
amplitudes and contain highly sensitive structures inside the sensor element. The MEMS
sensor can tolerate mechanical shocks up to several thousand g's. However, these limits
might be exceeded in conditions with extreme shock loads such as e.g. hammer blow on or
next to the sensor, dropping of the sensor onto hard surfaces etc.
We recommend avoiding g-forces beyond the specified limits during transport, handling and
mounting of the sensors in a defined and qualified installation process.
This device has built-in protections against high electrostatic discharges or electric fields
(e.g. 2kV HBM); however, anti-static precautions should be taken as for any other CMOS
component. Unless otherwise specified, proper operation can only occur when all terminal
voltages are kept within the supply voltage range. Unused inputs must always be tied to a
defined logic voltage level.
SSS
TTTT
CCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com