Electronic Components Datasheet Search
  English  ▼

X  

17HS4630 Datasheet(PDF) 21 Page - MotionKing Motor Industry Co.,Ltd.

Part # 17HS4630
Description  2Phase Hybrid Stepper Motor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

17HS4630 Datasheet(HTML) 21 Page - MotionKing Motor Industry Co.,Ltd.

Back Button 17HS4630 Datasheet HTML 14Page - MotionKing Motor Industry Co.,Ltd. 17HS4630 Datasheet HTML 15Page - MotionKing Motor Industry Co.,Ltd. 17HS4630 Datasheet HTML 16Page - MotionKing Motor Industry Co.,Ltd. 17HS4630 Datasheet HTML 17Page - MotionKing Motor Industry Co.,Ltd. 17HS4630 Datasheet HTML 18Page - MotionKing Motor Industry Co.,Ltd. 17HS4630 Datasheet HTML 19Page - MotionKing Motor Industry Co.,Ltd. 17HS4630 Datasheet HTML 20Page - MotionKing Motor Industry Co.,Ltd. 17HS4630 Datasheet HTML 21Page - MotionKing Motor Industry Co.,Ltd. 17HS4630 Datasheet HTML 22Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
HB Stepper Motor Catalog
MotionKing (China) Motor Industry Co., Ltd.
www.MotionKing.com
MK1106, Rev.04
21
2 Phase Hybrid Stepper Motor
34HY series-Size 86mm(1.8 degree)
Wiring Diagram:
UNI/BI-POLAR(8 LEADS)
BI-POLAR(4LEADS)
Electrical Specifications (UNI-POLAR):
Series
Model
Step
Angle
(deg)
Motor
Length
(mm)
Rated
Current
(A)
Phase
Resistance
(ohm)
Phase
Inductance
(mH)
Holding
Torque
(N.cm Min)
Detent
Torque
(N.cm Max)
Rotor
Inertia
(g.cm²)
Lead
Wire
(No.)
Motor
Weight
(kg)
34HY6801
1.8
63
4.0
0.68
2.0
180
4.5
0.64
8
1.6
34HY6802
1.8
63
5.0
0.45
1.5
180
4.5
0.64
8
1.6
34HY6803
1.8
63
2.7
1.2
4.5
180
4.5
0.64
8
1.6
34HY6804
1.8
63
2.1
1.9
7.2
180
4.5
0.64
8
1.6
34HY9801
1.8
92
4.0
0.89
3.8
320
6.5
1.3
8
2.6
34HY9802
1.8
92
5.0
0.58
2.8
320
6.5
1.3
8
2.6
34HY9803
1.8
92
2.7
1.7
9.0
320
6.5
1.3
8
2.6
34HY9804
1.8
92
2.1
2.7
15
320
6.5
1.3
8
2.6
34HY1801
1.8
122
4
1.1
5.6
450
10.5
1.9
8
3.8
34HY1802
1.8
122
5.0
0.82
3.6
450
10.5
1.9
8
3.8
34HY1803
1.8
122
2.7
2.5
12.5
450
10.5
1.9
8
3.8
*Note:
1) We can manufacture products according to customer's requirements.
2) We can also supply BI-POLAR stepper motors, but they were not listed, the details please contact us.
Dimensions: unit=mm
Moto Length:
Model
Length
34HY6XXX
63 mm
34HY9XXX
92 mm
34HY1XXX
122 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com