| Electronic Components Datasheet Search |
|
EPCQ128 Datasheet(PDF) 40 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
EPCQ128 Datasheet(HTML) 40 Page - Intel Corporation |
|
40 / 48 page ![]() • Memory Array Organization on page 7 1.8. Power Mode EPCQ devices support active and standby power modes. When the nCS signal is low, the device is enabled and is in active power mode. The FPGA is configured while the EPCQ device is in active power mode. When the nCS signal is high, the device is disabled but remains in active power mode until all internal cycles are completed, such as write or erase operations. The EPCQ device then goes into standby power mode. The ICC1 and ICC0 parameters list the VCC supply current when the device is in active and standby power modes. 1.9. Timing Information Note: The values in the following tables are finalized for EPCQ16, EPCQ32, EPCQ64, EPCQ128, EPCQ256, and EPCQ512/A devices. Related Information Summary of Operation Codes on page 29 1.9.1. Write Operation Timing Figure 22. Write Operation Timing Diagram DATA0 nCS DCLK DATA tNCSH tNCSSU tDSU tDH tCL tCH tCSH Bitn Bitn- 1 Bit 0 High Impedance Table 33. Write Operation Parameters Symbol Parameter Min Typical Max Unit fWCLK Write clock frequency (from the FPGA, download cable, or embedded processor) for write enable, write disable, read status, read device identification, write bytes, erase bulk, and erase sector operations for all devices except EPCQ512/A — — 108 MHz Write clock frequency (from the FPGA, download cable, or embedded processor) for write enable, write disable, read status, read device identification, write bytes, erase bulk, and erase sector operations for EPCQ512/A — — 133 MHz tCH (19) DCLK high time for all devices except EPCQ512/A 4 — — ns continued... 1. Quad-Serial Configuration (EPCQ) Devices Datasheet CF52012 | 2018.06.01 Quad-Serial Configuration (EPCQ) Devices Datasheet 40 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |