| Electronic Components Datasheet Search |
|
EPCQ256 Datasheet(PDF) 38 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
EPCQ256 Datasheet(HTML) 38 Page - Intel Corporation |
|
38 / 48 page ![]() Figure 19. Erase Bulk Operation Timing Diagram Operation Code (C7h) DATA0 nCS DCLK 0 1 2 3 4 5 6 7 The device initiates a self-timed erase bulk cycle immediately after the nCS signal is driven high. For details about the self-timed erase bulk cycle time, refer to tEB in the related information below. You must account for this delay before accessing the memory contents. Alternatively, you can check the write in progress bit in the status register by executing the read status operation while the self-timed erase cycle is in progress. The write in progress bit is set to 1 during the self-timed erase cycle and 0 when it is complete. The write enable latch bit in the status register is reset to 0 before the erase cycle is complete. Related Information Write Operation Timing on page 40 The Write Operation Parameters provides more information about tWS, tES and tWB. 1.7.13. Erase Sector Operation (D8h) The erase sector operation allows you to erase a certain sector in the EPCQ device by setting all the bits inside the sector to 1 or 0xFF. This operation is useful if you want to access the unused sectors as a general purpose memory in your applications. You must execute the write enable operation before the erase sector operation. When you execute the erase sector operation, you must first shift in the erase sector operation code, followed by the 3-byte addressing mode (A[23..0]) or the 4-byte addressing mode (A[31..0]) of the chosen sector on the DATA0 pin. The 3-byte addressing mode or the 4-byte addressing mode for the erase sector operation can be any address inside the specified sector. Drive the nCS signal high after the eighth bit of the erase sector operation code has been latched in. Figure 20. Erase Sector Operation Timing Diagram To access the entire EPCQ256 or EPCQ512/A memory, use 4-byte addressing mode. In the 4-byte addressing mode, the address width is 32-bit address. DATA0 Operation Code (D8h) 24-Bit Address nCS DCLK 0 1 2 3 4 5 6 7 8 9 28 29 30 31 3 2 1 0 23 22 MSB 1. Quad-Serial Configuration (EPCQ) Devices Datasheet CF52012 | 2018.06.01 Quad-Serial Configuration (EPCQ) Devices Datasheet 38 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |