Electronic Components Datasheet Search
  English  ▼

X  

BP3126 Datasheet(PDF) 2 Page - Bright Power Semiconductor Co., Ltd.

Part # BP3126
Description  High Precision PSR Constant Current LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP3126 Datasheet(HTML) 2 Page - Bright Power Semiconductor Co., Ltd.

  BP3126 Datasheet HTML 1Page - Bright Power Semiconductor Co., Ltd. BP3126 Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd. BP3126 Datasheet HTML 3Page - Bright Power Semiconductor Co., Ltd. BP3126 Datasheet HTML 4Page - Bright Power Semiconductor Co., Ltd. BP3126 Datasheet HTML 5Page - Bright Power Semiconductor Co., Ltd. BP3126 Datasheet HTML 6Page - Bright Power Semiconductor Co., Ltd. BP3126 Datasheet HTML 7Page - Bright Power Semiconductor Co., Ltd. BP3126 Datasheet HTML 8Page - Bright Power Semiconductor Co., Ltd. BP3126 Datasheet HTML 9Page - Bright Power Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BP3126
High Precision PSR Constant Current LED Driver
BP3126_EN_DS_Rev.1.0
www.bpsemi.com
2
Bright Power Semiconductor Co. Confidential – Customer Use Only
Ordering Information
Part Number
Package
Operating
Temperature
Package Method
Marking
BP3126
DIP8
-40℃ to 105℃
Tube
50 Piece/Tube
BP3126
XXXXXY
WWXYY
Pin Configuration and Marking Information
GND
FB
VCC
CS
NC
DRAIN
DRAIN
NC
Figure 2. Pin configuration
Pin Definition
Pin No.
Name
Description
1
GND
Ground
2
FB
Feedback. This pin detects the output information from auxiliary
winding.
3
VCC
Power supply
4
CS
Current sense. This pin connects a current sense resistor to GND to detect
the primary current of transformer.
5,6
DRAIN
Internal high voltage MOSFET drain.
7,8
NC
No connection, must be floated
XXXXXY: lot code
WW: Sign
X: Year
YY:Week



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com