Electronic Components Datasheet Search
  English  ▼

X  

S8550 Datasheet(PDF) 1 Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

Part # S8550
Description  TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOOCHIN [SHENZHEN KOO CHIN ELECTRONICS CO., LTD.]
Direct Link  http://www.hz-dz.net
Logo KOOCHIN - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

S8550 Datasheet(HTML) 1 Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

  S8550 Datasheet HTML 1Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD. S8550 Datasheet HTML 2Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
S8550
TRANSISTOR (PNP)
FEATURES
Complimentary to S8050
Collector current: IC=0.8A
MARKING :
2TY
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-25
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-0.
8
A
PC
Collector Power Dissipation
0.3
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC = -100μA, IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC =-1mA, IB=0
-25
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -100μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB= -40V, IE=0
-0.1
μA
Collector cut-off current
ICEO
VCE= -20V, IB=0
-0.1
μA
Emitter cut-off current
IEBO
VEB= -3V, IC=0
-0.1
μA
hFE(1)
VCE= -1V, IC= -50mA
120
350
DC current gain
hFE(2)
VCE= -1V, IC= -500mA
50
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB= -50mA
-0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=-500mA, IB= -50mA
-1.2
V
Transition frequency
fT
VCE= -6V, IC= -20mA
f=30MHz
150
MHz
CLASSIFICATION OF
hFE(1)
Rank
L
H
Range
120-200
200-350


Similar Part No. - S8550

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
S8550 WINGS-S8550 Datasheet
86Kb / 1P
TRANSISTOR (PNP)
logo
Weitron Technology
S8550 WEITRON-S8550 Datasheet
1Mb / 4P
PNP General Purpose Transistors
logo
Unisonic Technologies
S8550 UTC-S8550 Datasheet
75Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
logo
Hamamatsu Corporation
S8550 HAMAMATSU-S8550 Datasheet
103Kb / 2P
4 횞 8 element APD array with low noise and enhanced short-wavelength sensitivity
logo
Galaxy Semi-Conductor H...
S8550 BILIN-S8550 Datasheet
323Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - S8550

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7214 NTE-NTE7214 Datasheet
159Kb / 1P
TRANSISTOR TRANSISTOR LOGIC
NTE74LS76A NTE-NTE74LS76A Datasheet
104Kb / 1P
Transistor transistor logic
logo
First Components Intern...
FMBTA06 FCI-FMBTA06 Datasheet
79Kb / 2P
Silicon Transistor Amplifier Transistor
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
TRANSISTOR SWITCHING TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com