Electronic Components Datasheet Search
  English  ▼

X  

LD7515L Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD7515L
Description  Primary Side Quasi-Resonant BJT Controller with CV/CC Operation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7515L Datasheet(HTML) 2 Page - Leadtrend Technology

  LD7515L Datasheet HTML 1Page - Leadtrend Technology LD7515L Datasheet HTML 2Page - Leadtrend Technology LD7515L Datasheet HTML 3Page - Leadtrend Technology LD7515L Datasheet HTML 4Page - Leadtrend Technology LD7515L Datasheet HTML 5Page - Leadtrend Technology LD7515L Datasheet HTML 6Page - Leadtrend Technology LD7515L Datasheet HTML 7Page - Leadtrend Technology LD7515L Datasheet HTML 8Page - Leadtrend Technology LD7515L Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LD7515L
8/5/2015
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7515L-DS-00
August 2015
Pin Configuration
SOT-26 (TOP VIEW)
YY, Y
: Year code (D: 2004, E: 2005
…..)
WW, W : Week code
PP
: Production code
P15L
: LD7515L
1
2
3
4
5
6
VCC
GND
FB
OUT
COMP
CS
YWP
15L
pp
Ordering Information
Part number
Package
Top Mark
Shipping
LD7515L GL
SOT-26
YWP/15L
3000 / tape & reel
The LD7515L is ROHS compliant/Green Packaged
Pin Descriptions
PIN
NAME
FUNCTION
1
VCC
Supply voltage pin.
2
GND
Ground.
3
FB
Auxiliary voltage sense and Quasi Resonant detection.
4
CS
Current sense pin, connect to sense the Switch current.
5
COMP
Output of the error amplifier for voltage compensation.
6
OUT
Base drive output to drive the external BJT Switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com